Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1585ETJ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1585ETJ
Description  5-Channel Slim DSC Power Supplies
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1585ETJ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1585ETJ Datasheet HTML 1Page - Maxim Integrated Products MAX1585ETJ Datasheet HTML 2Page - Maxim Integrated Products MAX1585ETJ Datasheet HTML 3Page - Maxim Integrated Products MAX1585ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX1585ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX1585ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX1585ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX1585ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX1585ETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5-Channel Slim DSC Power Supplies
_______________________________________________________________________________________
5
PARAMETER
CONDITIONS
MIN
MAX
UNITS
GENERAL
Input Voltage Range
(Note 2)
0.7
5.5
V
Shutdown Supply Current
into PVSU
PVSU = 3.6V
5
µA
Supply Current into PV with
Step-Up Enabled
ONSU = 3.6V, FBSU = 1.5V
(does not include switching losses)
450
µA
Supply Current into PV with
Step-Up and Step-Down Enabled
ONSU = ONSD = 3.6V, FBSU = 1.5V, FBSD = 1.5V
(does not include switching losses)
700
µA
Total Supply Current from PV and
PVSU with Step-Up and One AUX
Enabled
ONSU = ON1 = 3.6V, FBSU = 1.5V, FB2 = 1.5V
(does not include switching losses)
650
µA
REFERENCE
Reference Output Voltage
IREF = 20µA
1.225
1.275
V
Reference Load Regulation
10µA < IREF < 200µA
10
mV
Reference Line Regulation
2.7V < PVSU < 5.5V
5
mV
OSCILLATOR
OSC Discharge Trip Level
Rising edge
1.225
1.275
V
OSC Discharge Resistance
OSC = 1.5V, IOSC = 3mA
80
STEP-UP DC-DC CONVERTER
Step-Up Startup-to-Normal
Operating Threshold
Rising edge or falling edge (Note 4)
2.30
2.65
V
Step-Up Voltage Adjust Range
3.0
5.5
V
FBSU Regulation Voltage
1.225
1.275
V
FBSU to CCSU
Transconductance
FBSU = CCSU
80
185
µS
FBSU Input Leakage Current
FBSU = 1.25V
-100
+100
nA
Step-Up Maximum Duty Cycle
FBSU = 1V
80
90
%
PVSU Leakage Current
VLX = 0V, PVSU = 5.5V
5
µA
LXSU Leakage Current
VLXSU = VOUT = 5.5V
5
µA
N channel
150
Switch On-Resistance
P channel
250
m
N-Channel Current Limit
2.4
3.2
A
STEP-DOWN DC-DC CONVERTER
Step-Down Output Voltage Adjust
Range
PVSD must be greater than output (Note 7)
1.25
5.00
V
ELECTRICAL CHARACTERISTICS
(VPVSU = VPV = VPVSD = VINDL2 = 3.6V, TA = -40°C to +85°C, unless otherwise noted.) (Note 8)


Similar Part No. - MAX1585ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX158 MAXIM-MAX158 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582EBE-T MAXIM-MAX1582EBE-T Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582ETC MAXIM-MAX1582ETC Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1583 MAXIM-MAX1583 Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
More results

Similar Description - MAX1585ETJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
   5 CHANNEL DC-DC CONVERTER FOR DSC
PS5R-SB24 ETC2-PS5R-SB24 Datasheet
319Kb / 2P
   Slim Line Power Supplies PS5R-S
logo
IDEC Corporation
PS5R-SF24 IDEC-PS5R-SF24 Datasheet
1Mb / 6P
   PS5R Slim Line Series Switching Power Supplies
logo
Princeton Technology Co...
PT5119 PTC-PT5119 Datasheet
496Kb / 4P
   51CH DSC Motor Driver
logo
List of Unclassifed Man...
AT5556 ETC-AT5556 Datasheet
325Kb / 15P
   6-CHANNEL DSC MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8702 FAIRCHILD-FAN8702 Datasheet
357Kb / 20P
   6 Channel DSC Motor Driver
logo
Omron Electronics LLC
G6DN OMRON-G6DN Datasheet
131Kb / 4P
   SPST Slim Power Relay for 5 A switching
logo
Picker Components
PC563 PICKER-PC563 Datasheet
167Kb / 2P
   Ultra Slim 5 Amp Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com