Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACFM-7110 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7110
Description  PCS/Cellular Band Quadplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7110 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACFM-7110 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACFM-7110 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Figure 18. Cell Rx Port Impedance in Rx Band (869–894 MHz).
Figure 20. Ant Port Impedance in Cell Rx Band (869–894 MHz).
Figure 17. Cell Tx Port Impedance in Tx Band (824–849 MHz).
Figure 19. Ant Port Impedance in Cell Tx Band (824–849 MHz).
ACFM-7110 Typical Performance at Tc = 25° C
0.2
1.5 2
3 4 5
10
50
0.4
0.6
0.8
1
1.5
2
3
4
5
10
20
50
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
-50
20
0.4
0.6 0.8 1
0.6 0.8 1
0.2
1.5 2
3 4 5
10
50
0.4
0.6
0.8
1
1.5
2
3
4
5
10
20
50
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
-50
20
0.4
0.6 0.8 1
0.6 0.8 1
0.2
1.5 2
3 4 5
10
50
0.4
0.6
0.8
1
1.5
2
3
4
5
10
20
50
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
-50
20
0.4
0.6 0.8 1
0.6 0.8 1
0.2
1.5 2
3 4 5
10
50
0.4
0.6
0.8
1
1.5
2
3
4
5
10
20
50
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
-50
20
0.4
0.6 0.8 1
0.6 0.8 1
0.2
1.5 2
3 4 5
10
50
0.4
0.6
0.8
1
1.5
2
3
4
5
10
20
50
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
-50
20
0.6 0.8 1
0.6 0.8 1
0.4


Similar Part No. - ACFM-7110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7101-BLKG AVAGO-ACFM-7101-BLKG Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7101-TR1G AVAGO-ACFM-7101-TR1G Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
ACFM-7102 AVAGO-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
logo
Broadcom Corporation.
ACFM-7102 BOARDCOM-ACFM-7102 Datasheet
1Mb / 16P
   PCS/Cellular/S-GPS Quintplexer
More results

Similar Description - ACFM-7110

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7107-TR1 AVAGO-ACFM-7107-TR1 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7107 AVAGO-ACFM-7107 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7109 AVAGO-ACFM-7109 Datasheet
323Kb / 13P
   PCS/Cellular Band Quadplexer
ACFM-7325 AVAGO-ACFM-7325 Datasheet
505Kb / 19P
   Band Class 10 Cellular Band Quadplexer
logo
Broadcom Corporation.
ACFM-7037 BOARDCOM-ACFM-7037 Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
ACFM-2113 BOARDCOM-ACFM-2113 Datasheet
334Kb / 2P
   Band 1/Band 3 Quadplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7353 AVAGO-ACPM-7353 Datasheet
1Mb / 17P
   CDMA Dual Band 4x5 Power Amplifier Module (Cellular/PCS)
logo
TriQuint Semiconductor
TQQ2504 TRIQUINT-TQQ2504_15 Datasheet
241Kb / 1P
   Band 25/4 Carrier Aggregation Quadplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7101 AVAGO-ACFM-7101 Datasheet
598Kb / 17P
   PCS/Cellular/GPS Quintplexer
logo
Advanced Crystal Techno...
ACTOCXO50 ACT-ACTOCXO50 Datasheet
102Kb / 1P
   PCS / Cellular Base Station
14/09/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com