Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACFM-7325 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7325
Description  Band Class 10 Cellular Band Quadplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7325 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACFM-7325 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7325 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ACFM-7325
Band Class 14 PCS /
Band Class 10 Cellular Band Quadplexer
Data Sheet
Description
The Avago Technologies’ ACFM-7325 is an extended
frequency range quadplexer that combines a PCS (Band
Class 14) and Cellular (Band Class 10) duplexer into a
single, miniature package.
The ACFM-7325 features a single antenna connection,
eliminating the need for antenna switching.
The ACFM-7325 is designed with Avago Technologies’
Film Bulk Acoustic Resonator (FBAR) technology. The
ACFM-7325 also utilizes Avago Technologies’ innovative
Microcap bonded-wafer, chip scale packaging technol-
ogy. This process allows the filters to be assembled in a
module with a footprint of only 4 x 7 mm with a maximum
height of 1.2 mm.
Low Tx Insertion Loss of the ACFM-7325 reduces power
amplifier current, extending battery life and talk time. The
ACFM-7325 enhances receiver sensitivity and dynamic
range with low Rx Insertion Loss and high rejection of Tx
signals at the Rx ports.
The excellent power handling capability of Avago Tech-
nologies’ FBAR bulk-mode resonators supports the high
Tx output power levels needed in handsets while adding
virtually no distortion
Functional Block Diagram
Features
x Extended frequency ranges
– Band Class 14 PCS
– Band Class 10 Cellular
x Single Antenna
x Miniature size
– 4 x 7 mm footprint
– 1.2 mm Max height
x High Power Rating
– +33 dBm Max Tx Power
x Environmental
– RoHS 6 Compliant
– Halogen Free
– TBBPA Free
Specifications
x Performance guaranteed –10 to +85° C
x Cellular Duplexer Rx (862 – 894 MHz)
– Insertion Loss: 3.9 dB Max
– Noise Blocking: 45 dB Min
x Cellular Duplexer Tx (817 – 849 MHz)
– Insertion Loss: 2.9 dB Max
– Interferer Blocking: 55 dB Min
x PCS Duplexer Rx (1930.5 – 1994.45 MHz)
– Insertion Loss: 4.0 dB Max
– Noise Blocking: 40 dB Min
x PCS Duplexer Tx (1850.5 – 1914.4 MHz)
– Insertion Loss: 4.1 dB Max
– Interferer Blocking: 53 dB Min
Applications
x Handsets or data terminals operating in Band Class 14
PCS and Band Class 10 Cellular frequency bands
Ant
Cell Rx
Cell Tx
Port 5
Port 1
Port 4
PCS Tx
Port 2
PCS Rx
Port 3


Similar Part No. - ACFM-7325

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7024 AVAGO-ACFM-7024 Datasheet
246Kb / 2P
   Single antenna
ACFM-7037 AVAGO-ACFM-7037 Datasheet
247Kb / 2P
   Single antenna
logo
Broadcom Corporation.
ACFM-7037 BOARDCOM-ACFM-7037 Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
ACFM-7037-BLK BOARDCOM-ACFM-7037-BLK Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
ACFM-7037-TR1 BOARDCOM-ACFM-7037-TR1 Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
More results

Similar Description - ACFM-7325

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACFM-7107-TR1 AVAGO-ACFM-7107-TR1 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7107 AVAGO-ACFM-7107 Datasheet
472Kb / 18P
   PCS/Cellular Band Quadplexer
ACFM-7109 AVAGO-ACFM-7109 Datasheet
323Kb / 13P
   PCS/Cellular Band Quadplexer
ACFM-7110 AVAGO-ACFM-7110 Datasheet
313Kb / 13P
   PCS/Cellular Band Quadplexer
logo
Broadcom Corporation.
ACFM-7037 BOARDCOM-ACFM-7037 Datasheet
247Kb / 2P
   Band 3/Band 7 Quadplexer
ACFM-2113 BOARDCOM-ACFM-2113 Datasheet
334Kb / 2P
   Band 1/Band 3 Quadplexer
logo
TriQuint Semiconductor
TQQ2504 TRIQUINT-TQQ2504_15 Datasheet
241Kb / 1P
   Band 25/4 Carrier Aggregation Quadplexer
logo
WJ Communication. Inc.
MH303 WJCI-MH303 Datasheet
144Kb / 4P
   Cellular-band Quad-FET Mixer
logo
List of Unclassifed Man...
CV210-1 ETC-CV210-1 Datasheet
228Kb / 3P
   Cellular-band Dual-Branch Downconverter
logo
WJ Communication. Inc.
CV210-3A WJCI-CV210-3A Datasheet
308Kb / 6P
   Cellular-band Dual-Branch Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com