Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX158BCPI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX158BCPI
Description  CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX158BCPI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX158BCPI Datasheet HTML 1Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 2Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 3Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 4Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 5Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 6Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 7Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 8Page - Maxim Integrated Products MAX158BCPI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VREF+ = +5V, VREF- = GND, MODE 0, TA = TMIN to TMAX, unless otherwise noted).
TIMING CHARACTERISTICS (Note 5)
(VDD = +5V, VREF+ = +5V, VREF- = GND, MODE 0, TA = TMIN to TMAX, unless otherwise noted).
Note 5: All input control signals are specified with tR = tF = 20ns (10% to 90% of +5V) and timed from a 1.6V voltage level.
Note 6: Measured with load circuits of Figure 1 and defined as the time required for an output to cross 0.8V or 2.4V.
Note 7: Defined as the time required for the data lines to change 0.5V when loaded with the circuits of Figure 2.
CMOS High-Speed 8-Bit ADCs with
Multiplexer and Reference
_______________________________________________________________________________________
3
(Note 6)
(Note 6)
CL = 50pF, RL = 5kΩ
(Note 7)
CL = 50pF
CONDITIONS
ns
60
tDH
Data Hold Time
ns
40
75
tINTH
RD to INT Delay (Mode 1)
ns
0
tCSH
ns
0
tCSS
CS to RD Setup Time
CS to RD Hold Time
ns
20
50
tACC2
Data Access Time
After INT, Mode 0
ns
85
tACC1
Data Access Time After RD
µs
1.6
2.0
tCRD
Conversion Time (Mode 0)
ns
30
40
tRDY
CS to RDY Delay
ns
0
tAS
Multiplexer Address
Setup Time
ns
30
tAH
Multiplexer Address
Hold Time
UNITS
MIN
TYP
MAX
SYMBOL
ns
500
tP
Delay Time
Between Conversions
500
70
100
0
0
60
110
2.4
60
0
35
MAX15_C/E
600
70
100
0
0
70
120
2.8
60
0
40
MAX15_M
MIN
MAX
MIN
MAX
ns
60
600
tRD
RD Pulse Width (Mode 1)
80
500
80
400
DB0-DB7, INT; IOUT = -360µA
CS = RD = 2.4V
5V ±5% for specified performance
DB0-DB7, INT; RDY
DB0-DB7, RDY; VOUT = 0V to VDD
VDD = ±5%
CONDITIONS
LSB
±1/16
±1/4
PSS
Power-Supply Sensitivity
V
4.0
VOH
Output High Voltage
mW
25
75
Power Dissipation
mA
15
IDD
Supply Current
V
4.75
5.25
VDD
Supply Voltage
0.4
V
0.4
VOL
Output Low Voltage
µA
±3
Three-State Output Current
pF
58
COUT
Output Capacitance (Note 4)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IOUT = 1.6mA
IOUT = 2.6mA
LOGIC OUTPUTS
POWER-SUPPLY
PARAMETER
TA = +25°C
Note 1: Total unadjusted error includes offset, full-scale, and linearity errors.
Note 2: Specified with no external load unless otherwise noted.
Note 3: Temperature drift is defined as change in output voltage from +25°C to TMIN or TMAX divided by (25 - TMIN) or (TMAX - 25).
Note 4: Guaranteed by design.


Similar Part No. - MAX158BCPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX158 MAXIM-MAX158 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582EBE-T MAXIM-MAX1582EBE-T Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582ETC MAXIM-MAX1582ETC Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1583 MAXIM-MAX1583 Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
More results

Similar Description - MAX158BCPI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
logo
Maxim Integrated Produc...
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
logo
Analog Devices
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com