Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1587 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1587
Description  High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1587 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1587 Datasheet HTML 1Page - Maxim Integrated Products MAX1587 Datasheet HTML 2Page - Maxim Integrated Products MAX1587 Datasheet HTML 3Page - Maxim Integrated Products MAX1587 Datasheet HTML 4Page - Maxim Integrated Products MAX1587 Datasheet HTML 5Page - Maxim Integrated Products MAX1587 Datasheet HTML 6Page - Maxim Integrated Products MAX1587 Datasheet HTML 7Page - Maxim Integrated Products MAX1587 Datasheet HTML 8Page - Maxim Integrated Products MAX1587 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
General Description
The MAX1586/MAX1587 power-management ICs are
optimized for devices using Intel X-Scale™ micro-
processors, including third-generation smart cell
phones, PDAs, internet appliances, and other portable
devices requiring substantial computing and multime-
dia capability at low power.
The ICs integrate seven high-performance, low-operating-
current power supplies along with supervisory and man-
agement functions. Regulator outputs include three step-
down DC-DC outputs, three linear regulators, and a
seventh always-on output. DC-DC converter outputs
power I/O, DRAM, and the CPU core. The I/O supply can
be preset to 3.3V or 3.0V, or can be adjusted to other val-
ues. The DRAM supply on the MAX1586A and MAX1587A
is preset for 1.8V or 2.5V, while the MAX1586B DRAM
supply is preset for 3.3V or 2.5V. The DRAM supply on all
parts can also be adjusted with external resistors. The
CPU core supply is serial programmed for dynamic volt-
age management. Linear-regulated outputs are provided
for SRAM, PLL, and USIM supplies.
To minimize sleep-state quiescent current, critical
power supplies have bypass “sleep” LDOs that can be
activated to minimize battery drain when output current
is very low. Other functions include separate on/off con-
trol for all DC-DC converters, low-battery and dead-bat-
tery detection, a reset and power-OK output, a backup-
battery input, and a two-wire serial interface.
All DC-DC outputs use fast, 1MHz PWM switching and
small external components. They operate with fixed-fre-
quency PWM control and automatically switch from
PWM to skip-mode operation at light loads to reduce
operating current and extend battery life. The core out-
put is capable of operating in forced-PWM mode at all
loads to minimize ripple and noise. A 2.6V to 5.5V input
voltage range allows 1-cell lithium-ion (Li+), 3-cell
NiMH, or a regulated 5V input. The MAX1587 is avail-
able in a tiny 6mm x 6mm, 40-pin thin QFN package.
The MAX1586 features an additional linear regulator
(V6) for VCC_USIM and low-battery and dead- battery
comparators. The MAX1586 is available in a 7mm x
7mm, 48-pin thin QFN package.
Applications
PDA, Palmtop, and Wireless Handhelds
Third-Generation Smart Cell Phones
Internet Appliances and Web-Books
Features
♦ Six Regulators in One Package:
Step-Down DC-DC for I/O at 1.3A
Step-Down DC-DC for Memory at 0.9A
Step-Down Serial-Programmed DC-DC for CORE
Three LDO Outputs for SRAM, PLL, and USIM
Always-On Output for VCC_BATT
♦ Low Operating Current
60µA in Sleep Mode (Sleep LDOs On)
130µA with DC-DCs On (Core Off)
200µA All Regulators On, No Load
5µA Shutdown Current
♦ Optimized for X-Scale Processors
♦ Backup-Battery Input
♦ Separate ON Controls for Any Desired Power
Sequencing
♦ 1MHz PWM Switching Allows Small External
Components
♦ Tiny 6mm x 6mm, 40-Pin and 7mm x 7mm, 48-Pin
Thin QFN Packages
High-Efficiency, Low-IQ PMICs with
Dynamic Core for PDAs and Smart Phones
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX1586
MAX1587
V1
V2
V3
V4
V5
V6
V7
VCC_IO 3.3V
VCC_MEM 2.5V
VCC_CORE
0.8V TO 1.3V
VCC_USIM
0V, 1.8V, 3.0V
MAIN BATTERY
VCC_PLL 1.3V
VCC_SRAM 1.1V
BACKUP
BATTERY
IN
BKBT
MR
RSO
VCC_BATT
POK
nRESET
nVCC_FAULT
SYS_EN
PWR_EN
ON1-2
ON3-6
nBATT_FAULT
DBO
Simplified Functional Diagram
19-3089; Rev 1; 12/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Pin Configurations appear at end of data sheet.
PART
TEMP RANGE
PIN-PACKAGE
MAX1586AETM
-40°C to +85°C
48 Thin QFN 7mm x 7mm
MAX1586BETM
-40°C to +85°C
48 Thin QFN 7mm x 7mm
MAX1587AETL
-40°C to +85°C
40 Thin QFN 6mm x 6mm
X-Scale is a trademark of Intel Corp.


Similar Part No. - MAX1587

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1587A MAXIM-MAX1587A Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1587A MAXIM-MAX1587A Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX1587AETL MAXIM-MAX1587AETL Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1587AETL MAXIM-MAX1587AETL Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX1587C MAXIM-MAX1587C Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
More results

Similar Description - MAX1587

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX8588 MAXIM-MAX8588 Datasheet
572Kb / 31P
   High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones
Rev 0; 3/05
logo
Advanced Monolithic Sys...
AMS1318 AMS-AMS1318 Datasheet
410Kb / 6P
   Cellular and Smart Phones PDAs
logo
Maxim Integrated Produc...
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX8660 MAXIM-MAX8660_09 Datasheet
826Kb / 43P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660_V01 Datasheet
1Mb / 44P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX8594 MAXIM-MAX8594 Datasheet
691Kb / 22P
   5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Rev 2; 4/05
logo
Renesas Technology Corp
ISL98611 RENESAS-ISL98611 Datasheet
223Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
logo
Intersil Corporation
ISL98611A INTERSIL-ISL98611A Datasheet
133Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
July 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com