Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACMD-7609 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7609
Description  UMTS Band 4 / CDMA AWS-1 Duplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7609 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACMD-7609 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Notes:
1. Dimensions in millimeters
Tolerance: X.X ± 0.1 mm
X.XX ± 0.05 mm
2. Dimensions nominal unless otherwise noted
3. Angles 45° nominal
4. I/O Pads (3 ea)
Size: 0.40 X 0.40 mm
Spacing to ground metal: 0.30 mm
5. Contact areas are gold plated
Figure 21. Package Outline Drawing
Pin Connections:
1
Rx (or RX(+))
2, 4, 5, 7, 9
Gnd
3
Tx
6
Ant
8
Optional: Gnd, NC or Rx(–)
ORIENTATION
MARK
RX
2.5
MAX
0.95
MAX
TX
2.0
MAX
2.30
TOP VIEW
BOTTOM VIEW
SIDE VIEW
ANT
GND
OPT
GND
GND
GND
(GND)
0.40
1.15
0.90
(6)
(9)
(8)
(1)
(2)
(3)
(4)
(5)
(7)
Figure 22. Pad Detail
0.40
0.1
I/O & PERIPHERAL GND PADS
CENTER GROUND PAD
0.15 X 45°
0.90
(REF)


Similar Part No. - ACMD-7609

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7602 AVAGO-ACMD-7602 Datasheet
886Kb / 12P
   Miniature UMTS Band I Duplexer
logo
Broadcom Corporation.
ACMD-7602 BOARDCOM-ACMD-7602 Datasheet
735Kb / 12P
   Miniature UMTS Band I Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7605 AVAGO-ACMD-7605 Datasheet
1Mb / 13P
   Miniature UMTS Band 8 Duplexer
logo
Broadcom Corporation.
ACMD-7605 BOARDCOM-ACMD-7605 Datasheet
1Mb / 13P
   Miniature UMTS Band 8 Duplexer
ACMD-7605-BLK BOARDCOM-ACMD-7605-BLK Datasheet
1Mb / 13P
   Miniature UMTS Band 8 Duplexer
More results

Similar Description - ACMD-7609

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7959 EPCOS-B7959 Datasheet
160Kb / 15P
   SAW Duplexer W-CDMA Band 4 / CDMA 1x AWS Band
B7699 EPCOS-B7699 Datasheet
132Kb / 14P
   SAW Duplexer for W-CDMA Band IV / CDMA 1x AWS Band
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7614 AVAGO-ACMD-7614 Datasheet
1Mb / 14P
   UMTS Band 1 Duplexer
logo
Broadcom Corporation.
ACMD-7617 BOARDCOM-ACMD-7617 Datasheet
488Kb / 14P
   UMTS Band 1 Duplexer
ACMD-7606 BOARDCOM-ACMD-7606 Datasheet
515Kb / 14P
   UMTS Band 8 Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7606 AVAGO-ACMD-7606 Datasheet
515Kb / 14P
   UMTS Band 8 Duplexer
ACMD-7407 AVAGO-ACMD-7407 Datasheet
459Kb / 13P
   UMTS Band 2 Duplexer
logo
EPCOS
B7680 EPCOS-B7680 Datasheet
163Kb / 12P
   SAW Duplexer WCDMA Band IV (AWS)
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7407-TR1 AVAGO-ACMD-7407-TR1 Datasheet
459Kb / 13P
   UMTS Band 2 Duplexer
logo
Broadcom Corporation.
ACMD-6003 BOARDCOM-ACMD-6003 Datasheet
455Kb / 14P
   UMTS Band 3 Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com