Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACMD-7609 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACMD-7609
Description  UMTS Band 4 / CDMA AWS-1 Duplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACMD-7609 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACMD-7609 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACMD-7609 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ACMD-7609 Typical Performance at Tc = 25°C
Figure 13. Tx–Ant Rejection at Tx Second Harmonic
Figure 14. Tx–Ant Rejection at Tx Third Harmonic
Figure 16. Ant–Rx Rejection, 2484 –3600 MHz
Figure 15. Ant–Rx Rejection, 2240 –2400 MHz
-55
-54
-53
-52
-51
-50
-49
-48
-47
-46
-45
3420
3440
3460
3480
3500
3520
3540
Frequency (MHz)
-50
-49
-48
-47
-46
-45
-44
-43
-42
-41
-40
2250
2300
2350
2400
Frequency (MHz)
-15
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
5150
5200
5250
5300
Frequency (MHz)
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
2400
2600
2800
3000
3200
3400
3600
Frequency (MHz)


Similar Part No. - ACMD-7609

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7602 AVAGO-ACMD-7602 Datasheet
886Kb / 12P
   Miniature UMTS Band I Duplexer
logo
Broadcom Corporation.
ACMD-7602 BOARDCOM-ACMD-7602 Datasheet
735Kb / 12P
   Miniature UMTS Band I Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7605 AVAGO-ACMD-7605 Datasheet
1Mb / 13P
   Miniature UMTS Band 8 Duplexer
logo
Broadcom Corporation.
ACMD-7605 BOARDCOM-ACMD-7605 Datasheet
1Mb / 13P
   Miniature UMTS Band 8 Duplexer
ACMD-7605-BLK BOARDCOM-ACMD-7605-BLK Datasheet
1Mb / 13P
   Miniature UMTS Band 8 Duplexer
More results

Similar Description - ACMD-7609

ManufacturerPart #DatasheetDescription
logo
EPCOS
B7959 EPCOS-B7959 Datasheet
160Kb / 15P
   SAW Duplexer W-CDMA Band 4 / CDMA 1x AWS Band
B7699 EPCOS-B7699 Datasheet
132Kb / 14P
   SAW Duplexer for W-CDMA Band IV / CDMA 1x AWS Band
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7614 AVAGO-ACMD-7614 Datasheet
1Mb / 14P
   UMTS Band 1 Duplexer
logo
Broadcom Corporation.
ACMD-7617 BOARDCOM-ACMD-7617 Datasheet
488Kb / 14P
   UMTS Band 1 Duplexer
ACMD-7606 BOARDCOM-ACMD-7606 Datasheet
515Kb / 14P
   UMTS Band 8 Duplexer
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7606 AVAGO-ACMD-7606 Datasheet
515Kb / 14P
   UMTS Band 8 Duplexer
ACMD-7407 AVAGO-ACMD-7407 Datasheet
459Kb / 13P
   UMTS Band 2 Duplexer
logo
EPCOS
B7680 EPCOS-B7680 Datasheet
163Kb / 12P
   SAW Duplexer WCDMA Band IV (AWS)
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-7407-TR1 AVAGO-ACMD-7407-TR1 Datasheet
459Kb / 13P
   UMTS Band 2 Duplexer
logo
Broadcom Corporation.
ACMD-6003 BOARDCOM-ACMD-6003 Datasheet
455Kb / 14P
   UMTS Band 3 Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com