Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1586 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1586
Description  High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1586 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1586 Datasheet HTML 2Page - Maxim Integrated Products MAX1586 Datasheet HTML 3Page - Maxim Integrated Products MAX1586 Datasheet HTML 4Page - Maxim Integrated Products MAX1586 Datasheet HTML 5Page - Maxim Integrated Products MAX1586 Datasheet HTML 6Page - Maxim Integrated Products MAX1586 Datasheet HTML 7Page - Maxim Integrated Products MAX1586 Datasheet HTML 8Page - Maxim Integrated Products MAX1586 Datasheet HTML 9Page - Maxim Integrated Products MAX1586 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
High-Efficiency, Low-IQ PMICs with
Dynamic Core for PDAs and Smart Phones
6
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
MAX
UNITS
PV1, PV2, PV3, SLPIN, IN Supply
Voltage Range
PV1, PV2, PV3, IN, and SLPIN must connect together
externally
2.6
5.5
V
IN45, IN6 Supply Voltage Range
2.4
5.5
V
VIN rising
2.25
2.55
IN Undervoltage-Lockout (UVLO)
Threshold
VIN falling
2.200
2.525
V
SYNCHRONOUS-BUCK PWM REG1
FB1 = GND, 3.6V
≤ VPV1 ≤ 5.5V, load = 0 to 1300mA
3.25
3.35
REG1 Voltage Accuracy
FB1 = IN, 3.6V
≤ VPV1 ≤ 5.5V, load = 0 to 1300mA
2.955
3.045
V
FB1 Voltage Accuracy
FB1 used with external resistors, 3.6V
≤ VPV1 ≤ 5.5V,
load = 0 to 1300mA
1.231
1.269
V
FB1 Input Current
FB1 used with external resistors
100
nA
Load = 800mA (Note 1)
280
Dropout Voltage
Load = 1300mA (Note 1)
450
mV
ILX1 = -180mA
0.3
P-Channel On-Resistance
ILX1 = -180mA, VPV1 = 2.6V
0.35
ILX1 = 180mA
0.225
N-Channel On-Resistance
ILX1 = 180mA, VPV1 = 2.6V
0.25
P-Channel Current-Limit Threshold
-1.55
-2.10
A
OUT1 Maximum Output Current
2.6V
≤ VPV1 ≤ 5.5V (Note 3)
1.30
A
LX1 Leakage Current
VPV1 = 5.5V, LX1 = GND or PV1, VON1 = 0V
-10
+10
µA
SYNCHRONOUS-BUCK PWM REG2
FB2 = GND, 3.6V
≤ VPV2 ≤ 5.5V, load = 0 to 900mA
2.463
2.537
MAX1586A, MAX1587A, FB2 = IN, 3.6V
≤ VPV2 ≤ 5.5V,
load = 0 to 900mA
1.773
1.827
REG2 Voltage Accuracy
MAX1586B, FB2 = IN, 3.6V
≤ VPV2 ≤ 5.5V,
load = 0 to 900mA
3.25
3.35
V
FB2 Voltage Accuracy
FB2 used with external resistors, 3.6V
≤ VPV2 ≤ 5.5V,
load = 0 to 900mA
1.231
1.269
V
FB2 Input Current
FB2 used with external resistors, VFB2 = 1.25V
100
nA
Dropout Voltage
Load = 900mA (Note 1)
380
mV
ILX2 = -180mA
0.375
P-Channel On-Resistance
ILX2 = -180mA, VPV2 = 2.6V
0.425
ILX2 = -180mA
0.25
N-Channel On-Resistance
ILX2 = -180mA, VPV2 = 2.6V
0.275
P-Channel Current-Limit Threshold
-1.1
-1.50
A
OUT2 Maximum Output Current
2.6V
≤ VPV2_≤ 5.5V (Note 3)
0.9
A
LX2 Leakage Current
VPV2 = 5.5V, LX2 = GND or PV2, VON2 = 0V
-10
+10
µA
ELECTRICAL CHARACTERISTICS
(VIN = 3.6V, VBKBT = 3.0V, VLBI = 1.1V, VDBI = 1.35V, circuit of Figure 5, TA = -40°C to +85°C, unless otherwise noted.) (Note 5)


Similar Part No. - MAX1586

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX1586A MAXIM-MAX1586A Datasheet
635Kb / 14P
   2.6V to 5.5V Single-Supply Operation
Rev 1; 1/07
MAX1586AETM MAXIM-MAX1586AETM Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586AETM MAXIM-MAX1586AETM Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
More results

Similar Description - MAX1586

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
MAX8588 MAXIM-MAX8588 Datasheet
572Kb / 31P
   High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones
Rev 0; 3/05
logo
Advanced Monolithic Sys...
AMS1318 AMS-AMS1318 Datasheet
410Kb / 6P
   Cellular and Smart Phones PDAs
logo
Maxim Integrated Produc...
MAX8660 MAXIM-MAX8660 Datasheet
1Mb / 42P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 1; 10/06
MAX8660 MAXIM-MAX8660_09 Datasheet
826Kb / 43P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660_V01 Datasheet
1Mb / 44P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX8594 MAXIM-MAX8594 Datasheet
691Kb / 22P
   5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Rev 2; 4/05
logo
Renesas Technology Corp
ISL98611 RENESAS-ISL98611 Datasheet
223Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
logo
Intersil Corporation
ISL98611A INTERSIL-ISL98611A Datasheet
133Kb / 2P
   High Efficiency Display Power and LED Driver for Smart Phones
July 29, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com