Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX158BCAI Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX158BCAI
Description  CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX158BCAI Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX158BCAI Datasheet HTML 1Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 2Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 3Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 4Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 5Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 6Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 7Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 8Page - Maxim Integrated Products MAX158BCAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CMOS High-Speed 8-Bit ADCs with
Multiplexer and Reference
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
2.520
2.480
-50
150
REFERENCE TEMPERATURE DRIFT
2.490
2.510
AMBIENT TEMPERATURE (°C)
2.500
100
050
20
0
-100
150
OUTPUT CURRENT
vs. TEMPERATURE
4
12
16
AMBIENT TEMPERATURE (°C)
8
100
-50
0
50
VDD = 5V
ISOURCE VOUT = 2.4V
ISINK VOUT = 0.4V
2.0
0
300
900
ACCURACY
vs. DELAY BETWEEN CONVERSIONS (tp)
0.5
1.0
1.5
tp (ns)
700
800
400
500
600
VDD = 5V
VREF = 5V
2.0
0
05
ACCURACY vs. VREF
[VREF = VREF(+) - VREF(-)]
0.5
1.0
1.5
VREF (V)
34
12
VDD = 5V
3k
3k
100pF
DGND
DBN
a. High-Z to VOH
b. High-Z to VOL
DBN
+5V
DGND
10pF
3k
3k
100pF
DGND
DBN
a. High-Z to VOH
b. High-Z to VOL
DBN
+5V
DGND
10pF
8
2
-100
150
POWER-SUPPLY CURRENT vs. TEMPERATURE
(NOT INCLUDING REFERENCE LADDER)
3
4
5
6
7
AMBIENT TEMPERATURE (°C)
50
100
-50
0
VDD = 5.25V
VDD = 5V
VDD = 4.75V
Figure 1. Load Circuits for Data-Access Time Test
Figure 2. Load Circuits for Data-Hold Time Test


Similar Part No. - MAX158BCAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX158 MAXIM-MAX158 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582EBE-T MAXIM-MAX1582EBE-T Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582ETC MAXIM-MAX1582ETC Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1583 MAXIM-MAX1583 Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
More results

Similar Description - MAX158BCAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
logo
Maxim Integrated Produc...
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
logo
Analog Devices
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com