Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAM-3864 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ADAM-3864
Description  4-ch Power Relay Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-3864 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-3864 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Signal Conditioning Modules and Terminal Boards
Features
ƒ 2,500 VRMS optical isolation
ƒ LED status indicators
ƒ Onboard fuse protection
ƒ DIN-rail mounting
Specifications
Input Modules
Field Side:
ƒ
Input On/Off Voltage
IAC24A series: 180 ~ 280 V/80 VRMS
Range IDC24B series: 3 ~ 32 V/1 VDC
ƒ
Input Resistance
IAC24A series: 44 k
IDC24B series: 1.5 k
Logic Side:
ƒ
Breakdown Voltage
30 VDC
ƒ
Output Current
100 mA max.
ƒ
Output Voltage Drop
0.4 V max.
ƒ
Supply Current
12 mA max.
ƒ
Supply Voltage
24 VDC
Output Modules
Field Side:
ƒ
Contact Voltage Drop
1.6 V max.
ƒ
Current Rating
3 A max. (@ 25°C)
Logic Side:
ƒ
Input Resistance
220
ƒ
Supply Current
12 mA max.
ƒ
Supply Voltage
24 V
General
ƒ
Dimensions (L x H x W) 118.4 x 90 x 59 mm (4.66" x 3.54" x 2.32")
ƒ
Mounting
DIN-rail
Ordering Information
ƒ
ADAM-3864
4-ch Solid State Module Carrier Backplane
ƒ
OAC24A
AC Output Module (24-280 VAC, 3 A)
ƒ
ODC24
DC Output Module (5-60 VDC, 3 A)
ƒ
PCLM-ODC5
Single Piece DC SSR Module (60 VDC, 3 A)
ƒ
IAC24A
AC Input Module (180-280 VAC)
ƒ
IDC24B
DC Input Module (3-32 VDC)
ADAM-3854
ADAM-3864
Features
ƒ High power relays can handle up to 5 A @ 250 VAC and 5 A @ 30 VDC
ƒ 4 single-pole double-throw (SPDT) relays
ƒ Industrial screw terminals for easy output wiring
ƒ LED status indicators
ƒ Onboard varistor protects relay contact points
ƒ DIN-rail mounting
Specifications
I/O
ƒ
Channels
4
ƒ
Contact Rating
250 VAC @ 5 A
30 VDC @ 5 A
ƒ
Contact Resistance
100 m
ƒ
Operation Time
15 ms max.
ƒ
Relay Type
SPDT (Form C)
ƒ
Release Time
5 ms max.
ƒ
Life Expectancy
1.7 x 105 at rated load
Varistor
ƒ
Clamping Voltage
760 V (10 A)
ƒ
Max. Applied Voltage 300 VRMS
ƒ
Max. Peak Current
1,200 A for 8 ms
ƒ
Varistor Voltage
470 V (current = 1 mA)
General
ƒ
Connectors
Screw terminals
ƒ
Dimensions (L x W x H) 112.5 x 118.4 x 46 mm (4.43" x 4.66" x 1.81")
ƒ
LED Indicators
Status displayed for each relay
ƒ
Mounting
DIN-rail
ƒ
Power Consumption
2.2 W
ƒ
Power Input
24 VDC
Ordering Information
ƒ
ADAM-3854
4-ch DIN-rail Power Relay Module
ADAM-3854
ADAM-3864
4-ch Power Relay Module
4-ch Solid State Digital I/O Module
Carrier Backplane
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - ADAM-3864

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3864 ADVANTECH-ADAM-3864 Datasheet
484Kb / 1P
   4-ch Power Relay Module
More results

Similar Description - ADAM-3864

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-3854 ADVANTECH-ADAM-3854 Datasheet
484Kb / 1P
   4-ch Power Relay Module
ADAM-4060 ADVANTECH-ADAM-4060_15 Datasheet
328Kb / 1P
   4-ch Relay Output Module
ADAM-4060 ADVANTECH-ADAM-4060 Datasheet
766Kb / 1P
   4-ch Relay Output Module
ADAM-6266 ADVANTECH-ADAM-6266_14 Datasheet
1Mb / 2P
   4-ch Relay Output Modbus TCP Module with 4-ch DI
ADAM-5060 ADVANTECH-ADAM-5060 Datasheet
620Kb / 1P
   6-ch Relay Output Module
ADAM-6066 ADVANTECH-ADAM-6066_14 Datasheet
1Mb / 2P
   6-ch Digital Input and 6-ch Power Relay Modbus TCP Module
ADAM-6060 ADVANTECH-ADAM-6060 Datasheet
632Kb / 1P
   6-ch Digital Input and 6-ch Relay Module
ADAM-6260 ADVANTECH-ADAM-6260_V01 Datasheet
259Kb / 1P
   6-ch Relay Output Modbus TCP Module
27-Jun-2018
logo
Adlink Technology Inc.
PXI-7901 ADLINK-PXI-7901 Datasheet
768Kb / 1P
   16-CH General-Purpose SPDT Relay Module
logo
Advantech Co., Ltd.
ADAM-6160 ADVANTECH-ADAM-6160 Datasheet
365Kb / 1P
   6-ch Relay Real-time Ethernet Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com