Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX158AEWI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX158AEWI
Description  CMOS High-Speed 8-Bit ADCs with Multiplexer and Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX158AEWI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX158AEWI Datasheet HTML 1Page - Maxim Integrated Products MAX158AEWI Datasheet HTML 2Page - Maxim Integrated Products MAX158AEWI Datasheet HTML 3Page - Maxim Integrated Products MAX158AEWI Datasheet HTML 4Page - Maxim Integrated Products MAX158AEWI Datasheet HTML 5Page - Maxim Integrated Products MAX158AEWI Datasheet HTML 6Page - Maxim Integrated Products MAX158AEWI Datasheet HTML 7Page - Maxim Integrated Products MAX158AEWI Datasheet HTML 8Page - Maxim Integrated Products MAX158AEWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CMOS High-Speed 8-Bit ADCs with
Multiplexer and Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VREF+ = +5V, VREF- = GND, Mode 0, TA = TMIN to TMAX, unless otherwise noted).
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VDD to GND.........................................0V, +10V
Voltage at Any Other Pins........................GND -0.3V, VDD +0.3V
Output Current (REF OUT)..................................................30mA
Power Dissipation (any package) to +75°C ....................450mW
Derate above +25°C by ..............................................6mW/°C
Operating Temperature Ranges
MAX15_ _C_ _.....................................................0°C to +70°C
MAX15_ _E_ _ ..................................................-40°C to +85°C
MAX15_ _M_ _ ...............................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Input Capacitance (Note 4)
CIN
58
pF
Input Low Voltage
VINL
0.8
V
Input High Current
IINH
1
µA
Input Low Current
IINL
-1
µA
Analog Input Current
IAIN
±3
µA
Slew Rate, Tracking
SR
0.7
0.157
V/µs
Input High Voltage
VINH
2.4
V
Any channel, AIN = 0V to 5V
Output Noise
eN
200
µV/rms
Capacitive Load
0.01
µF
Analog Input Voltage Range
AINR
VREF-VREF+
V
Analog Input Capacitance
CAIN
45
pF
±1
MAX15_B
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Channel-to-Channel Mismatch
±1/4
LSB
No-Missing-Codes Resolution
8
Bits
Total Unadjusted Error (Note 1)
±1/2
LSB
Reference Resistance
14
k
VREF+ Input Voltage Range
VREF-VDD
V
VREF- Input Voltage Range
GND
VREF+
V
Resolution
8
Bits
Output Voltage
REF OUT
2.47
2.50
2.53
V
Load Regulation
-6
-10
mV
Power-Supply Sensitivity
±1
±3
mV
40
70
40
70
Temperature Drift (Note 3)
60
100
ppm/°C
CONDITIONS
TA = +25°C
MAX15_A
ACCURACY
REFERENCE INPUT
REFERENCE OUTPUT (Note 2)
ANALOG INPUT
LOGIC INPUTS (
R
D
,
C
S
, A0, A1, A2)
IL = 0mA to 10mA, TA = +25°C
VDD ±5%, TA = +25°C
MAX15_ _C
MAX15_ _E
MAX15_ _M


Similar Part No. - MAX158AEWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX158 MAXIM-MAX158 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582EBE-T MAXIM-MAX1582EBE-T Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1582ETC MAXIM-MAX1582ETC Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
MAX1583 MAXIM-MAX1583 Datasheet
133Kb / 5P
   MAX1583 Evaluation Kit
Rev 0; 4/04
More results

Similar Description - MAX158AEWI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7824 MAXIM-MX7824 Datasheet
106Kb / 12P
   CMOS, High-Speed, 8-Bit ADCs with Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
LTC2447 LINER-LTC2447_15 Datasheet
317Kb / 28P
   24-Bit High Speed 8-Channel ADCs with Selectable Multiple Reference Inputs
logo
Wolfson Microelectronic...
WM0834 WOLFSON-WM0834 Datasheet
684Kb / 16P
   8-Bit ADCs with Serial Interface and Configurable Input Multiplexer
logo
Linear Technology
LTC2446 LINER-LTC2446 Datasheet
311Kb / 28P
   24-Bit High Speed 8-Channel ?誇 ADCs with Selectable Multiple Reference Inputs
logo
Maxim Integrated Produc...
MAX11638 MAXIM-MAX11638 Datasheet
1Mb / 22P
   8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
logo
Analog Devices
AD7824KNZ AD-AD7824KNZ Datasheet
215Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KNZ AD-AD7828KNZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7824KR-REEL AD-AD7824KR-REEL Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com