Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM-26R2EI-SAE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PCM-26R2EI-SAE
Description  2-Port Hilscher netX100 FieldBus mPCIe, PROFINET, RJ45
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PCM-26R2EI-SAE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PCM-26R2EI-SAE Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded Automation Computers
Features
2-Port Hilscher netX100 FieldBus mPCIe, EtherCAT, RJ45
2-Port Hilscher netX100 FieldBus mPCIe, EtherNet/IP, RJ45
2-Port Hilscher netX100 FieldBus mPCIe, Sercos III, RJ45
2-Port Hilscher netX100 FieldBus mPCIe, PROFINET, RJ45
2-Port Hilscher netX100 FieldBus mPCIe, POWERLINK, RJ45
PCM-26R2EC
PCM-26R2EI
PCM-26R2S3
PCM-26R2PN
PCM-26R2PL
RoHS
COMPLIANT
2002/95/EC
ƒ Meets Advantech Standard iDoor Technology
ƒ PCI ExpressR Mini Card Specification Revision 1.2 compliant
ƒ Identical interface for all Hilscher Real-Time Ethernet Fieldbus Protocols
ƒ Various colorful front plates for protocol identification
ƒ Easy integration by wide range of device drivers
ƒ High extended temperature range up to 70°C
ƒ Supports Embedded Automation PC UNO-2200 series
ƒ Supports Control DIN-Rail PC UNO-1200/1300/1400 series
ƒ Supports Control Cabinet PC UNO-3200/3300/3400 series
ƒ Supports Control Panel Computers TPC-xx81/xx82 series
Introduction
The PCM-26 series is categorized as Industrial Communication with Fieldbus Protocol modules from Advantech iDoor Technology. They are all compatible with the PCI Express® Mini
Card Specification Revision 1.2. including Isolated / Non-Isolated RS-232/422/485 communication cards for automation control, Wi-Fi/3G/GPS/GSM/LTE wireless communication
models for data exchange during the management and machine level of automation application, Zigbee module as an IoT terminal or controller and PoE function for smart camera in
detect inspection application of production. This is a flexible design that enables customers to customize their features which meet iDoor Technology.
Dimensions
Specifications
General
ƒ
Bus Type
PCI Express Mini Card Revision 1.2
ƒ
Certification
CE, UL
ƒ
Connectors
2 x Female RJ45
ƒ
Dimensions
Module: 51 x 30 x 12.4 mm (2" x 1.18" x 0.49")
I/O Plate: 81 x 19.4 x 45 mm (3.19" x 0.76" x 1.61")
ƒ
Power Consumption
Typical : +3.3 V @ 650 mA
Communications
ƒ
Controller
Hilscher netX100
ƒ
Protocol
EtherCAT, EtherNET/IP, Sercos III, PROFINET,
POWERLINK
ƒ
Signal interface
Isolation 10BASE-T/100BASE-TX
ƒ
Speed
100 Mbps, 10 Mbps (depending on loaded firmware)
ƒ
Displays
SYS, System status LED
Software
ƒ
OS Device
Windows 2000/XP/Vista/7/8 (32/64-bit)
ƒ
Utility
SYCON.net
Environment
ƒ
Humidity (Operating)
10-95% RH, non-condensing
ƒ
Operating Temperature 0 ~ 70 °C (32 ~ 140 °F), w/ Air flow during
measurement: 0,5 m/s
ƒ
Storage Temperature
0 ~ 70 °C (32 ~ 185 °F)
Ordering Information
Master
ƒ
PCM-26R2EC-MAE
Hilscher netX100 FieldBus mPCIe, EtherCAT, RJ45 x2,
Master
ƒ
PCM-26R2EI-MAE
Hilscher netX100 FieldBus mPCIe, EtherNet/IP, RJ45
x2, Master
ƒ
PCM-26R2S3-MAE
Hilscher netX100 FieldBus mPCIe, Sercos III, RJ45 x2,
Master
ƒ
PCM-26R2PN-MAE
Hilscher netX100 FieldBus mPCIe, PROFINET, RJ45 x2,
Master
Slave
ƒ
PCM-26R2EC-SAE
Hilscher netX100 FieldBus mPCIe, EtherCAT, RJ45 x2,
Slave
ƒ
PCM-26R2EI-SAE
Hilscher netX100 FieldBus mPCIe, EtherNet/IP, RJ45
x2, Slave
ƒ
PCM-26R2S3-SAE
Hilscher netX100 FieldBus mPCIe, Sercos III, RJ45 x2,
Slave
ƒ
PCM-26R2PN-SAE
Hilscher netX100 FieldBus mPCIe, PROFINET, RJ45
x2, Slave
ƒ
PCM-26R2PL-SAE
Hilscher netX100 FieldBus mPCIe, POWERLINK, RJ45
x2, Slave
I/O Plate
51
5
81
11.2
M3
M3
76
Cable Length
150
PCM-26R2EC
Module
NEW
Last updated : 12-Jun-2015
All product specifications are subject to change without notice


Similar Part No. - PCM-26R2EI-SAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-26R2EI-SAE ADVANTECH-PCM-26R2EI-SAE Datasheet
418Kb / 1P
   2-Port Hilscher netX100 FieldBus mPCIe, EtherCAT, RJ45
7-Jan-2021
PCM-26R2EI-SAE ADVANTECH-PCM-26R2EI-SAE Datasheet
1Mb / 5P
   Regular Fanless DIN Rail Controller with 11th gen Intel® Core™ i processor
28-Sep-2021
More results

Similar Description - PCM-26R2EI-SAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-26R2EC ADVANTECH-PCM-26R2EC Datasheet
418Kb / 1P
   2-Port Hilscher netX100 FieldBus mPCIe, EtherCAT, RJ45
7-Jan-2021
PCM-26D1DB ADVANTECH-PCM-26D1DB_15 Datasheet
215Kb / 1P
   1-Port Hilscher netX100 FieldBus mPCIe, PROFIBUS, DB9
PCM-26D1DB ADVANTECH-PCM-26D1DB Datasheet
338Kb / 1P
   1-Port Hilscher netX100 FieldBus mPCIe, PROFIBUS, DB9
7-Jan-2021
PCM-24R2GL ADVANTECH-PCM-24R2GL_15 Datasheet
204Kb / 1P
   2-Port Gigabit Ethernet, mPCIe, RJ45
PCM-24R2GL ADVANTECH-PCM-24R2GL_V01 Datasheet
203Kb / 1P
   2-Port Gigabit Ethernet, Intel짰 I350, mPCIe, RJ45
27-Jul-2016
MOS-2120-Z1201 ADVANTECH-MOS-2120-Z1201 Datasheet
263Kb / 1P
   2-Port Gigabit Ethernet, Intel® I210, mPCIe, RJ45
26-Jun-2018
PCM-24R2PE ADVANTECH-PCM-24R2PE Datasheet
279Kb / 1P
   2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45
27-Jun-2018
PCM-24R2PE-AE ADVANTECH-PCM-24R2PE-AE Datasheet
240Kb / 1P
   2-Port Gigabit Ethernet, IEEE 802.3af (PoE) Compliant, mPCIe, RJ45
logo
WAGO Kontakttechnik Gmb...
750-340 WAGO-750-340 Datasheet
412Kb / 11P
   Fieldbus Coupler PROFINET IO; 1st Generation
750-375 WAGO-750-375 Datasheet
695Kb / 12P
   Fieldbus Coupler PROFINET IO; 3rd Generation; Advanced
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com