Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UNO-2473G-E3AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # UNO-2473G-E3AE
Description  Intel짰 Atom??Regular-Size Automation Computer w/ 4 x GbE, 3 x mPCIe,HDMI/VGA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UNO-2473G-E3AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  UNO-2473G-E3AE Datasheet HTML 1Page - Advantech Co., Ltd. UNO-2473G-E3AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Automation Computers
Features
UNO-2473G
Intel® Atom™ Regular-Size Automation
Computer w/ 4 x GbE, 3 x mPCIe,
HDMI/VGA
Environment
ƒ Operating Temperature
UNO-2473G-E3AE: - 20 ~ 60°C (-4 ~ 140°F) @ 5 ~ 85% RH
with 0.7m/s airflow
UNO-2473XXXXX: - 40 ~ 60°C (-40 ~ 140°F) @ 5 ~ 85% RH
with 0.7m/s airflow
ƒ Storage Temperature
- 40 ~ 85°C ( -40 ~ 185°F)
ƒ Relative Humidity
10 ~ 95% RH @ 40°C, non-condensing
ƒ Shock Protection
Operating, IEC 60068-2-27, 50G, half sine, 11ms
ƒ Vibration Protection
Operating, IEC 60068-2-64, 2Grms, random, 5 ~ 500Hz,
1hr/axis (mSATA)
Operating, IEC 60068-2-64, 0.7Grms, random, 5 ~ 500Hz,
1hr/axis (HDD)
ƒ Ingress Protection
IP40
ƒ 4th Generation Intel® Atom™ Processor up to 1.91GHz with 4GB DDR3L
Memory
ƒ 4 x GbE, 4 x USB 2.0/3.0, 2 x RS-232, 2 x RS-422/485, 1 x VGA, 1 x HDMI,
Audio
ƒ Comprehensive Palm, Small, Regular-size form-factor
ƒ Compact with Fanless Design
ƒ Rubber Stopper Design with Captive Screw
ƒ Diverse system I/O and Isolated Digital I/O by iDoor Technology
ƒ 3G/GPS/GPRS/Wi-Fi Communication by iDoor Technology
ƒ Supports MRAM by iDoor Technology
ƒ Chassis Grounding Protection
ƒ LAN Redundancy (Teaming)
ƒ Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
Specifications
General
ƒ Certification
CE, FCC, UL, CCC, BSMI
ƒ Dimensions ( W x D x H ) 252 x 149 x 62 mm (9.9" x 5.9" x 2.4")
ƒ Form Factor
Regular Size
ƒ Enclosure
Aluminum Housing
ƒ Mounting
Stand, Wall, VESA (Optional), Din-rail (Optional)
ƒ Weight (Net)
1.6kg (3.5lbs)
ƒ Power Requirement
24VDC ± 20%
ƒ Power Consumption
28W (Typical), 48W (Max)
ƒ OS Support
Microsoft® Windows 7/8
System Hardware
ƒ BIOS
AMI UEFI 128Mbit Flash BIOS
ƒ Watchdog Timer
Programmable 256 levels timer interval, from 1 to 255 sec
ƒ Processor
Intel® Atom™ Processor E3845 1.91 GHz Quad Core, 2MB L2
ƒ System Chip
Intel Atom SoC integrated
ƒ Memory
On-board 4GB DDR3L 1600 MHz
ƒ Graphics Engine
Intel® HD Graphics: Gen7 with 4EU
ƒ Ethernet
Intel® i210-IT GbE, 802.1Qav, IEEE1588/802.1AS, 802.3az
ƒ LED Indicators
LEDs for Power, battery, LAN (Active, Status), Tx/Rx and HDD
ƒ Storage
One mSATA
One drive bay for SATA 2.5" HDD (Compatible with 9.5mm
height HDD)
CFast drive by iDoor Technology (Optional)
ƒ Expansion
3 x Full-size mPCIe slot, mPCIe 2.0
I/O Interfaces
ƒ Serial Ports
2 x RS-232, DB9, 50~115.2kbps
2 x RS-422/485, DB9, auto flow control, 50~115.2kbps
ƒ LAN Ports
4 x RJ45, 10/100/1000 Mbps IEEE 802.3u 1000Base-T Fast
Ethernet
ƒ USB Ports
4 x USB Ports (3 x USB2.0, 1 x USB3.0 compliant )
ƒ Displays
1 x VGA (2560x1600)
1 x HDMI (1920x1200)
ƒ Audio
Line-In, Line-Out
ƒ Power Connector
1 x 3 Pins, Terminal Block
ƒ Grounding Protection
Chassis Grounding
Introduction
Advantech’s UNO-2000 series of Embedded Automation Computers are Fanless with highly ruggedised with an embedded operating system (Windows CE, Windows XPE, Linux-
Embedded). It also includes iDoor technology which supports automation feature extensions such as industry fieldbus communication, Wi-Fi/3G, Digital I/O, including Palm, Small,
and Regular-size Form-Factors with indicated market segments in terms of entry, value and performance product positioning. Both entry and value Embedded Automation Computers
feature specific functions and they are suitable for data gateway, concentrator and data server applications. The performance model can shorten your development time and offer
multiple networking interfaces to fulfill a diverse range of requirements.
RoHS
COMPLIANT
2002/95/EC
Application Software
Version : V2.1 or above
An innovative remote device management software, allowing
efficient remote monitoring, quick recovery & backup, and
real-time remote configuration, to create a more intelligent and
interconnected embedded computing solution.
Version : V7.1 or above
WebAccess, as the core of Advantech’s IoT solution, is full web
browser-based software package for HMI and SCADA software.
All HMI and SCADA software features including: Animated
Graphics Displays, Real-time Data, Control, Trends, Alarms
and Logs, are available in a standard web browser. WebAccess
is built around the latest internet technologies. With its open
architecture, vertical domain applications can easily be
integrated.
Version : V2.0.3.8 or above
Panel Express, a windows based HMI mini SCADA, realizes
the cross platform flexibility offered by WebOP Designer to
switch hardware for the consideration of cost and performance
become an easy job. Panel Express software provides the best
economic and express solution for data intensive high-end
HMI applications.
Version : V2.0.3.8 or above
An easy to use integrated development tool featuring solution-
oriented screen objects, high-end graphics, Windows fonts for
multi-language applications. WebOP runtime, a part of WebOP
Designer, guarantees reliability and performance because of the
minimum system overhead, high communication data rates,
and sub-second screen switching.
NEW
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - UNO-2473G-E3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-2473G-J3AE ADVANTECH-UNO-2473G-J3AE Datasheet
733Kb / 2P
   Intel짰 AtomTM/Celeron짰 J1900 Processor Regular-Size Automation Computer w/ 4 x GbE, 3 x mPCIe, HDMI/VGA
More results

Similar Description - UNO-2473G-E3AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-2483G ADVANTECH-UNO-2483G_15 Datasheet
596Kb / 2P
   Intel짰 Core??i7/i3/Celeron Regular-Size Automation Computer w/ 4 x GbE,3 x mPCIe, HDMI/VGA
UNO-2473G ADVANTECH-UNO-2473G Datasheet
733Kb / 2P
   Intel짰 AtomTM/Celeron짰 J1900 Processor Regular-Size Automation Computer w/ 4 x GbE, 3 x mPCIe, HDMI/VGA
UNO-2272G ADVANTECH-UNO-2272G_15 Datasheet
626Kb / 2P
   Intel짰 Atom??Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA
UNO-2483P ADVANTECH-UNO-2483P_15 Datasheet
687Kb / 2P
   Intel짰 Core??i7/Celeron Regular-Size Vision Controller w/ 4 x PoE, 4 x GbE, HDMI/VGA
UNO-2272G ADVANTECH-UNO-2272G Datasheet
737Kb / 2P
   Intel® Atom™/Celeron® Palm-Size Automation Computer with 1 x GbE, 2 x mPCIe, VGA/HDMI
6-Jan-2021
UNO-2362G ADVANTECH-UNO-2362G_15 Datasheet
689Kb / 2P
   AMD짰 Dual Core T40E Small-Size Automation Computer w/ 1 x GbE, 1 x mPCIe, HDMI/DP
UNO-1483G ADVANTECH-UNO-1483G_15 Datasheet
1Mb / 2P
   Intel짰 Core??i3 Regular-Size Control DIN-Rail PC w/ 4 x GbE, 3 x mPCIe,1 PCIe, DP/VGA, 8 DI/O
UNO-3483G ADVANTECH-UNO-3483G_15 Datasheet
868Kb / 2P
   Intel짰 Core??i7 Control Cabinet PC w/ 2 x GbE, 2 x mPCIe, HDMI/VGA
UNO-3072LA ADVANTECH-UNO-3072LA_14 Datasheet
191Kb / 1P
   Intel짰 Atom??N270 Automation Computer with 2 x PCI, 2 x GbE, DVI
UNO-3072A ADVANTECH-UNO-3072A_14 Datasheet
226Kb / 1P
   Intel짰 Atom??D510 Automation Computer with 2 x PCI, 2 x GbE, and FireWire
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com