Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1618 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1618
Description  Remote Temperature Sensor with SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1618 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1618 Datasheet HTML 2Page - Maxim Integrated Products MAX1618 Datasheet HTML 3Page - Maxim Integrated Products MAX1618 Datasheet HTML 4Page - Maxim Integrated Products MAX1618 Datasheet HTML 5Page - Maxim Integrated Products MAX1618 Datasheet HTML 6Page - Maxim Integrated Products MAX1618 Datasheet HTML 7Page - Maxim Integrated Products MAX1618 Datasheet HTML 8Page - Maxim Integrated Products MAX1618 Datasheet HTML 9Page - Maxim Integrated Products MAX1618 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Remote Temperature Sensor
with SMBus Serial Interface
6
_______________________________________________________________________________________
Pin Description
Detailed Description
The MAX1618 is a temperature sensor designed to
work in conjunction with an external microcontroller
(µC) or other intelligence in thermostatic, process-con-
trol, or monitoring applications. The µC is typically a
power-management or keyboard controller, generating
SMBus serial commands by “bit-banging” general-pur-
pose input-output (GPIO) pins or through a dedicated
SMBus interface block.
Essentially an 8-bit serial analog-to-digital converter
(ADC) with a sophisticated front end, the MAX1618
contains a switched-current source, a multiplexer, an
ADC, an SMBus interface, and the associated control
logic (Figure 1). Temperature data from the ADC is
loaded into a data register, where it is automatically
compared with data previously stored in over/under-
temperature alarm threshold registers. The alarm
threshold registers can be set for hysteretic fan control.
ADC and Multiplexer
The averaging ADC integrates over a 30ms period (typ)
with excellent noise rejection. The ADC converts at a
rate of 16Hz. The multiplexer automatically steers bias
currents through the remote diode, measures the for-
ward voltage, and computes the temperature.
The DXN input is biased at 0.65V above ground by an
internal diode to set up the analog-to-digital (A/D)
inputs for a differential measurement. The worst-case
DXP-DXN differential input voltage range is 0.25V to
0.95V.
Excess resistance in series with the remote diode
causes about +1/2°C error/
Ω. A 200µV offset voltage at
DXP-DXN causes about +1°C error.
A/D Conversion Sequence
If a Start command is written (or generated automatical-
ly in the free-running autoconvert mode), the result of
the measurement is available after the end of conver-
sion. A BUSY status bit in the status byte shows that the
device is performing a new conversion. The result of the
previous conversion is always available even when the
ADC is busy.
SMBus Serial-Data Input/Output. Open drain.
SMBDATA
9
SMBus Alert (Interrupt) Output. Open drain.
ALERT
10
Combined Current Source and A/D Positive Input. Do not leave DXP floating. Place a 2200pF capacitor
between DXP and DXN for noise filtering.
DXP
5
Supply Voltage Input. Bypass to GND with a 0.1µF capacitor.
VCC
6
Hardware-Standby Input. Temperature and comparison threshold data are retained in standby mode.
Low = standby mode. High = operating mode.
STBY
7
SMBus Serial-Clock Input
SMBCLK
8
Combined Current Sink and A/D Negative Input. DXN is normally biased to a diode voltage above
ground.
DXN
4
Ground
GND
3
PIN
SMBus Slave Address Select Input. (See Table 6.) ADD0 and ADD1 are sampled upon power-up. Excess
capacitance (>50pF) at the address pins when floating may cause address-recognition problems.
ADD1
2
SMBus Slave Address Select Input. (See Table 6.) ADD0 and ADD1 are sampled upon power-up. Excess
capacitance (>50pF) at the address pins when floating may cause address-recognition problems.
ADD0
1
FUNCTION
NAME


Similar Part No. - MAX1618

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
MAX16180ANSA170I+T AD-MAX16180ANSA170I+T Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
MAX16180ANSA170J+T AD-MAX16180ANSA170J+T Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
MAX16180ANSA175I+T AD-MAX16180ANSA175I+T Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
MAX16180ANSA175J+T AD-MAX16180ANSA175J+T Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
More results

Similar Description - MAX1618

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G766 ETC1-G766 Datasheet
248Kb / 13P
   Remote Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
G782 GMT-G782 Datasheet
44Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com