Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1619MEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1619MEE
Description  Remote/Local Temperature Sensor with Dual- Alarm Outputs and SMBus Serial Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1619MEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1619MEE Datasheet HTML 1Page - Maxim Integrated Products MAX1619MEE Datasheet HTML 2Page - Maxim Integrated Products MAX1619MEE Datasheet HTML 3Page - Maxim Integrated Products MAX1619MEE Datasheet HTML 4Page - Maxim Integrated Products MAX1619MEE Datasheet HTML 5Page - Maxim Integrated Products MAX1619MEE Datasheet HTML 6Page - Maxim Integrated Products MAX1619MEE Datasheet HTML 7Page - Maxim Integrated Products MAX1619MEE Datasheet HTML 8Page - Maxim Integrated Products MAX1619MEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Remote/Local Temperature Sensor with Dual-
Alarm Outputs and SMBus Serial Interface
_______________________________________________________________________________________
5
0
2
4
8
6
10
TEMPERATURE ERROR vs.
COMMON-MODE NOISE FREQUENCY
FREQUENCY (MHz)
0.1
10
100
1
VIN = 100mVp-p
VIN = SQUARE WAVE
AC-COUPLED TO DXN
VIN = 50mVp-p
VIN = 25mVp-p
0
10
20
040
60
80
20
100
TEMPERATURE ERROR vs.
DXP–DXN CAPACITANCE
DXP–DXN CAPACITANCE (nF)
VCC = 5V
0
100
400
200
300
500
01
0.0625
4
0.25
2
0.125
0.5
8
OPERATING SUPPLY CURRENT
vs. CONVERSION RATE
CONVERSION RATE (Hz)
VCC = 5V
AVERAGED MEASUREMENTS
0
10
20
30
40
50
1
100
10
1000
STANDBY SUPPLY CURRENT
vs. CLOCK FREQUENCY
SMBCLK FREQUENCY (kHz)
VCC = 5V
VCC = 3.3V
0
3
60
6
20
100
03
14
25
STANDBY SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
ADD0, ADD1 = GND
ADD0, ADD1 = HIGH-Z
0
25
100
50
75
125
-2
8
04
26
10
INTERNAL DIODE
RESPONSE TO THERMAL SHOCK
TIME (sec)
16-QSOP IMMERSED
IN +115°C FLUORINERT BATH
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1619MEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX161 MAXIM-MAX161 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX161-MX7581 MAXIM-MAX161-MX7581 Datasheet
342Kb / 8P
   CMOS 8-Bit 8Channel Data Acquisition System
19-0894; Rev 1; 7/95
MAX1610 MAXIM-MAX1610 Datasheet
137Kb / 20P
   Digitally Controlled CCFL Backlight Power Supplies
19-1128; Rev 0; 9/96
MAX1610-MAX1611 MAXIM-MAX1610-MAX1611 Datasheet
137Kb / 20P
   Digitally Controlled CCFL Backlight Power Supplies
19-1128; Rev 0; 9/96
MAX1610CSE MAXIM-MAX1610CSE Datasheet
137Kb / 20P
   Digitally Controlled CCFL Backlight Power Supplies
19-1128; Rev 0; 9/96
More results

Similar Description - MAX1619MEE

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G788 GMT-G788 Datasheet
45Kb / 1P
   Remote and Local Temperature Sensor with SMBus Serial Interface
Ver: 0.4 Oct 16, 2013
logo
Maxim Integrated Produc...
MAX1617A MAXIM-MAX1617A_12 Datasheet
343Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 1; 10/12
logo
Global Mixed-mode Techn...
G767 GMT-G767 Datasheet
393Kb / 14P
   Remote/Local Temperature Sensor with SMBus Serial Interface
logo
Maxim Integrated Produc...
MAX1617 MAXIM-MAX1617 Datasheet
226Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-1265; Rev 1; 3/98
MAX1617A MAXIM-MAX1617A_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_V01 Datasheet
1Mb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
2016
MAX1617 MAXIM-MAX1617_12 Datasheet
301Kb / 20P
   Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 11/12
MAX1617A MAXIM-MAX1617A Datasheet
234Kb / 18P
   Remote/Local Temperature Sensor with SMBus Serial Interface
19-4508; Rev 0; 1/99
logo
Global Mixed-mode Techn...
G782 GMT-G782 Datasheet
44Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
G781 GMT-G781 Datasheet
52Kb / 1P
   짹1C Remote and Local Temperature Sensor with SMBus Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com