Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1620EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1620EEE
Description  Digitally Adjustable LCD Bias Supplies
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1620EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1620EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Digitally Adjustable LCD Bias Supplies
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3.3V, VBATT = 10V, TA = 0°C to +85°C, unless otherwise noted.)
TIMING CHARACTERISTICS
(TA = 0°C to +85°C, unless otherwise noted.)
-20µA
≤ IDOUT ≤ 0µA
ISDA = -6mA
VIN = 0V or VIN = VDD
VDD = 5.5V
VDD = 5.5V
3.0V
≤ VDD ≤ 3.6V
3.0V
≤ VDD ≤ 3.6V
48.39mV step size
VIN = 0V or VIN = VDD
Guaranteed monotonic
0µA
≤ IDOUT ≤ 40µA
V
0.4
µA
±1
SCL, SDA, SUS Input Leakage Current
V
0.6
SCL, SDA, SUS Input Low Voltage
V
2.3
1.4
SCL, SDA, SUS Input High Voltage
±1
V
0.6
V
0
0.007
DOUT Minimum Output Voltage (Note 3)
2.3
V
1.4
UP, DN, SHDN, POL Input High Voltage
LSB
DOUT Differential Nonlinearity
Bits
5
DOUT Resolution
±1
REF -
REF +
0.02
0.02
DOUT Maximum Output Voltage (Note 3)
V
UP, DN, SHDN, POL Input Leakage Current
µA
UP, DN, SHDN, POL Input Low Voltage
SDA Output Low Voltage
CONDITIONS
UNITS
MIN
TYP
MAX
PARAMETER
DIGITAL INPUTS AND OUTPUTS
(Note 4)
(Note 4)
(Note 4)
CONDITIONS
1
SCL Falling Edge to SDA Valid
Master Clocking in Data
µs
tDV
µs
4
tHD:STA
Start Condition SDA to SCL
Hold Time
µs
4.7
tSU:STA
Start Condition SCL to SDA
Setup Time
µs
4
tHIGH
SCL High Time
µs
4.7
tLOW
SCL Low Time
ns
300
tF
SCL/SDA Fall Time
µs
1
t1
Pulse Width High (UP, DN)
µs
1
tR
SCL/SDA Rise Time
ns
0
tHD:DAT
SCL to SDA Data-Hold Time
ns
500
tSU:DAT
SDA to SCL Data-Setup Time
µs
1
t2
Pulse Width Low (UP, DN)
µs
1
t3
Pulse Separation (UP, DN)
µs
1
t4
Counter Reset Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
µs
4
tSU:STO
Stop Condition SCL_ to SDA_
Setup Time
MAX1620 (Figure 1)
MAX1621 (Figures 2 and 3)


Similar Part No. - MAX1620EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX162 MAXIM-MAX162 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX162-MX7572 MAXIM-MAX162-MX7572 Datasheet
619Kb / 16P
   Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1623 MAXIM-MAX1623 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1623EAP MAXIM-MAX1623EAP Datasheet
164Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
More results

Similar Description - MAX1620EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
   Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
   Digitally adjustable gain
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
[Old version datasheet]   Digitally Adjustable Boost Converter
logo
Maxim Integrated Produc...
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
   Digitally Adjustable Voltage References
Jul 01, 2001
logo
Texas Instruments
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
[Old version datasheet]   TPS61045 Digitally Adjustable Boost Converter
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
[Old version datasheet]   LCD Bias Supply
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
   LCD BIAS BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX1610 MAXIM-MAX1610 Datasheet
137Kb / 20P
   Digitally Controlled CCFL Backlight Power Supplies
19-1128; Rev 0; 9/96
logo
M/A-COM Technology Solu...
MAUC-011009 MA-COM-MAUC-011009 Datasheet
1Mb / 14P
   Variable Gain with Adjustable Bias
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com