Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1623EAP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1623EAP
Description  3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1623EAP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1623EAP Datasheet HTML 1Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 2Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 3Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 4Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 5Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 6Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 7Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 8Page - Maxim Integrated Products MAX1623EAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
_______________________________________________________________________________________
5
3A, Low-Voltage, Step-Down Regulator with
Synchronous Rectification and Internal Switches
B
C
A
1ms/div
START-UP AND SHUTDOWN TRANSIENT
VIN = 5V, VOUT = 3.3V, ILOAD = 3A,
WAVEFORM AVERAGED
A: VOUT, 2V/div
B: IIN, 1A/div
C: VSHDN, 5V/div
LOAD-TRANSIENT RESPONSE
(FBSEL = REF)
ILOAD
0 to 3A
VOUT
50mV
AC-COUPLED
f = 300kHz
20
µs/div
LINE-TRANSIENT RESPONSE
VIN = 4.5V
to 5.5V
AC-COUPLED
(1V/div)
VOUT = 3.3V
AC-COUPLED
IOUT = 1.5A
(20mV/div)
20
µs/div
LOAD-TRANSIENT RESPONSE
(FBSEL = REF)
ILOAD
0 to 2A
VOUT
50mV
AC-COUPLED
f = 300kHz
20
µs/div
____________________________ Typical Operating Characteristics (continued)
(Circuit of Figure 2, TA = +25°C, unless otherwise noted.)
LINE-TRANSIENT RESPONSE
VIN = 4.5V
to 5.5V
AC-COUPLED
(1V/div)
VOUT = 3.3V
AC-COUPLED
IOUT = 100mA
(20mV/div)
20
µs/div
B
C
A
1ms/div
START-UP AND SHUTDOWN TRANSIENT
VIN = 5V, VOUT = 3.3V, ILOAD = 2A,
WAVEFORM AVERAGED
A: VOUT, 2V/div
B: IIN, 1A/div
C: VSHDN, 5V/div


Similar Part No. - MAX1623EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1623EAP MAXIM-MAX1623EAP Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
More results

Similar Description - MAX1623EAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
   3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
   3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1742 MAXIM-MAX1742 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1843 MAXIM-MAX1843 Datasheet
366Kb / 13P
   2.7A, 1MHz, Low-Voltage, Step-Down Regulator with Internal Synchronous Rectification in QFN Package
19-1986; Rev 1; 3/02
MAX15035 MAXIM-MAX15035 Datasheet
575Kb / 27P
   15A Step-Down Regulator with Internal Switches
Rev 2; 10/08
MAX15035 MAXIM-MAX15035_V01 Datasheet
1Mb / 28P
   15A Step-Down Regulator with Internal Switches
2018
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com