Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVF-1000 Datasheet(PDF) 3 Page - Level One

Part # AVF-1000
Description  1-Channel BNC over Fiber Extender Kit, RS485, 20km
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

AVF-1000 Datasheet(HTML) 3 Page - Level One

  AVF-1000 Datasheet HTML 1Page - Level One AVF-1000 Datasheet HTML 2Page - Level One AVF-1000 Datasheet HTML 3Page - Level One AVF-1000 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Physical Specifications
Dimensions (W x D x H mm):
71 x 94 × 26 mm
Weight (g):
0.48kg
Others
Approval and Compliance:
CE/FCC
도표
Order Information
AVF-1000
Package Contents
AVF-1000
Power Adapter (x2)
Quick Installation Guide
고해상도 이미지
CVH-2100
18-Slot Chassis, 3U, 19", Rack-Mount
www.level1.com
Page 3 of 4


Similar Part No. - AVF-1000

ManufacturerPart #DatasheetDescription
logo
Level One
AVF-1100 LVL1-AVF-1100 Datasheet
650Kb / 3P
   1-Channel BNC over Fiber Extender Kit, 20km
AVF-1160 LVL1-AVF-1160 Datasheet
748Kb / 3P
   16-Channel BNC over Fiber Extender Kit, 20km
AVF-1160R LVL1-AVF-1160R Datasheet
523Kb / 3P
   16-Channel BNC over Fiber Extender Kit, 20km
AVF-1200 LVL1-AVF-1200 Datasheet
766Kb / 3P
   2-Channel BNC over Fiber Extender Kit
AVF-1800 LVL1-AVF-1800 Datasheet
1,000Kb / 3P
   8-Channel BNC over Fiber Extender Kit, 20km
More results

Similar Description - AVF-1000

ManufacturerPart #DatasheetDescription
logo
Level One
AVF-1100 LVL1-AVF-1100 Datasheet
650Kb / 3P
   1-Channel BNC over Fiber Extender Kit, 20km
AVF-1800 LVL1-AVF-1800 Datasheet
1,000Kb / 3P
   8-Channel BNC over Fiber Extender Kit, 20km
AVF-1160 LVL1-AVF-1160 Datasheet
748Kb / 3P
   16-Channel BNC over Fiber Extender Kit, 20km
AVF-1160R LVL1-AVF-1160R Datasheet
523Kb / 3P
   16-Channel BNC over Fiber Extender Kit, 20km
AVF-1200 LVL1-AVF-1200 Datasheet
766Kb / 3P
   2-Channel BNC over Fiber Extender Kit
logo
Tripp Lite. All Rights ...
U00740M TRIPPLITE-U00740M Datasheet
487Kb / 2P
   USB over Cat5 Extender Kit
logo
Level One
PFE-1001R LVL1-PFE-1001R Datasheet
1Mb / 3P
   PoE Extender over Hybrid Fiber
HVE-9005 LVL1-HVE-9005 Datasheet
863Kb / 3P
   HDMI over Cat.5 Extender kit
HVE-9100 LVL1-HVE-9100 Datasheet
309Kb / 2P
   HDMI over Cat.5 Extender Kit, 300m
logo
THOR communications
F-M1SDI THOR-F-M1SDI Datasheet
784Kb / 1P
   One HDSDI Fiber Transport Kit with Return RS485
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com