Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1641 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1641
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1641 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1641 Datasheet HTML 1Page - Maxim Integrated Products MAX1641 Datasheet HTML 2Page - Maxim Integrated Products MAX1641 Datasheet HTML 3Page - Maxim Integrated Products MAX1641 Datasheet HTML 4Page - Maxim Integrated Products MAX1641 Datasheet HTML 5Page - Maxim Integrated Products MAX1641 Datasheet HTML 6Page - Maxim Integrated Products MAX1641 Datasheet HTML 7Page - Maxim Integrated Products MAX1641 Datasheet HTML 8Page - Maxim Integrated Products MAX1641 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS
(VIN = +12V, VOUT = 6V, Circuit of Figure 2, TA = -40°C to +85°C, unless otherwise noted.)
IREF = 0 to 50µA
VOUT = 2V to 24V (MAX1640)
D0 = D1 = low
D0 or D1 = high
FET Drive Output Resistance
MAX1641
MAX1640
VIN = 5.5V to 26V,
ILOAD = 0 to 20mA
VIN = 5.5V to 26V,
ILOAD = 0 to 20mA
MAX1640
CONDITIONS
µA
1
VSET Input Current
mV
10
Reference Load Regulation
V
1.94
2.06
VREF
Reference Voltage
V
4.0
4.4
VLDOL Undervoltage Lockout
µA
1
Output Current in Off Mode
mA
4
Quiescent VIN Supply Current
%/V
0.4
Output Current Compliance
mV
34
48
Quarter-Scale Current-Sense
Threshold
12
Off-Time Range
V
5.5
26
VIN
Input Voltage Range
1.5
8
µs
Off-Time Accuracy
RTOFF = 62kΩ
1.5
2.5
µs
146
154
Pulse-Trickle Mode Duty-Cycle
Period
mV
141
159
Full-Scale Current-Sense
Threshold
V
VIN -
VIN -
5.5
4.5
VLDOH
Linear-Regulator Output
Voltage, VIN Referenced
D0 = low, D1 = high, RTOFF = 50kΩ
25
42
ms
V
4.5
5.5
VLDOL
Linear-Regulator Output
Voltage, Ground Referenced
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
PWM Maximum Duty Cycle
100
%
Input Low Voltage
VIL
D0, D1
0.8
V
Input High Voltage
VIH
D0, D1
2.4
V
Input Leakage Current
IIN
D0, D1
±
1
µA
33
42
MAX1641
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +12V, VOUT = 6V, Circuit of Figure 2, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
PWM Maximum Duty Cycle
100
%
Input Low Voltage
VIL
D0, D1
0.8
V
Input High Voltage
VIH
D0, D1
2.4
V
Input Leakage Current
IIN
D0, D1
±
1
µA


Similar Part No. - MAX1641

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1641 MAXIM-MAX1641 Datasheet
287Kb / 12P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
MAX1641 MAXIM-MAX1641 Datasheet
53Kb / 4P
   Fully Assembled and Tested
1997
MAX1641C/D MAXIM-MAX1641C/D Datasheet
287Kb / 12P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
MAX1641EEE++ MAXIM-MAX1641EEE+ Datasheet
287Kb / 12P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
More results

Similar Description - MAX1641

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1640 MAXIM-MAX1640_09 Datasheet
287Kb / 12P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
   THREE TERMINAL ADJUSTABLE CURRENT SOURCES
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
   3-Terminal Adjustable Current Sources
logo
Intersil Corporation
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
   Three terminal adjustable current sources
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
   3-Terminal Adjustable Current Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com