Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1644 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1644
Description  Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1644 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1644 Datasheet HTML 1Page - Maxim Integrated Products MAX1644 Datasheet HTML 2Page - Maxim Integrated Products MAX1644 Datasheet HTML 3Page - Maxim Integrated Products MAX1644 Datasheet HTML 4Page - Maxim Integrated Products MAX1644 Datasheet HTML 5Page - Maxim Integrated Products MAX1644 Datasheet HTML 6Page - Maxim Integrated Products MAX1644 Datasheet HTML 7Page - Maxim Integrated Products MAX1644 Datasheet HTML 8Page - Maxim Integrated Products MAX1644 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX1645 is a high-efficiency battery charger
capable of charging batteries of any chemistry type. It
uses the Intel System Management Bus (SMBus
™) to
control voltage and current charge outputs.
When charging lithium-ion (Li+) batteries, the MAX1645
automatically transitions from regulating current to reg-
ulating voltage. The MAX1645 can also limit line input
current so as not to exceed a predetermined current
drawn from the DC source. A 175sec charge safety
timer prevents “runaway charging” should the
MAX1645 stop receiving charging voltage/current com-
mands.
The MAX1645 employs a next-generation synchronous
buck control circuitry that lowers the minimum input-to-
output voltage drop by allowing the duty cycle to
exceed 99%. The MAX1645 can easily charge one to
four series Li+ cells.
Applications
Notebook Computers
Point-of-Sale Terminals
Personal Digital Assistants
Features
o Input Current Limiting
o 175sec Charge Safety Timeout
o 128mA Wake-Up Charge
o Charges Any Chemistry Battery:
Li+, NiCd, NiMH, Lead Acid, etc.
o Intel SMBus 2-Wire Serial Interface
o Compliant with Level 2 Smart Battery Charger
Spec. Rev. 1.0
o +8V to +28V Input Voltage Range
o Up to 18.4V Battery Voltage
o 11-Bit Battery Voltage Setting
o ±0.8% Output Voltage Accuracy with Internal
Reference
o 3A max Battery Charge Current
o 6-Bit Charge Current Setting
o 99.99% max Duty Cycle for Low-Dropout Operation
o Load/Source Switchover Drivers
o >97% Efficiency
Advanced Chemistry-Independent, Level 2
Battery Charger with Input Current Limiting
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CVS
PDS
CSSP
CSSN
BST
DHI
INT
LX
DLOV
DLO
PGND
CSIP
CSIN
PDL
SDA
SCL
THM
VDD
DAC
BATT
GND
CCV
CCI
CCS
REF
CLS
LDO
DCIN
QSOP
TOP VIEW
MAX1645
19-1566; Rev 0a; 10/99
PART
MAX1645EEI
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
28 QSOP
Typical Operating Circuit appears at end of data sheet.
SMBus is a trademark of Intel Corp.
Pin Configuration
Ordering Information


Similar Part No. - MAX1644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1644 MAXIM-MAX1644 Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE MAXIM-MAX1644EAE Datasheet
137Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 11, 2002
MAX1644EAE MAXIM-MAX1644EAE Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE++ MAXIM-MAX1644EAE+ Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
   2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
More results

Similar Description - MAX1644

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1645B MAXIM-MAX1645B Datasheet
357Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Charger with Input Current Limiting
Rev 0; 10/02
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
   Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX1667 MAXIM-MAX1667 Datasheet
225Kb / 28P
   Chemistry-Independent, Level 2 Smart Battery Charger
19-1488; Rev 0; 7/99
MAX1667 MAXIM-MAX1667_V01 Datasheet
307Kb / 26P
   Chemistry-Independent, Level 2 Smart Battery Charger
2003
logo
Texas Instruments
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
   Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
logo
Texas Instruments
BQ24747 TI-BQ24747 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator and Charge Enable Pin
logo
Linear Technology
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1769 LINER-LT1769_15 Datasheet
242Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com