Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22GQ100 Datasheet(PDF) 4 Page - International Rectifier

Part # 22GQ100
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

22GQ100 Datasheet(HTML) 4 Page - International Rectifier

  22GQ100 Datasheet HTML 1Page - International Rectifier 22GQ100 Datasheet HTML 2Page - International Rectifier 22GQ100 Datasheet HTML 3Page - International Rectifier 22GQ100 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
22GQ100
4
www.irf.com
Fig. 5 - Max. Allowable Case Temperature Vs.
Average Forward Current
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics
0
5
10
15
20
25
30
35
40
Average Forward Current - I F(AV) (A)
0
20
40
60
80
100
120
140
160
RthJC = 1.0°C/W
80 % Square Wave (D=0.50)
Rated VR applied
DC
IRWORLDHEADQUARTERS:101N.SepulvedaBlvd., ElSegundo,California90245,USATel:(310)252-7105
IRLEOMINSTER:205CrawfordSt., Leominster,Massachusetts01453,USATel:(978)534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
.
Data and specifications subject to change without notice. 02/2013


Similar Part No. - 22GQ100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
22GQ100 IRF-22GQ100 Datasheet
315Kb / 4P
   SCHOTTKY RECTIFIER
logo
Sensitron
22GQ100 SENSITRON-22GQ100 Datasheet
81Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER
More results

Similar Description - 22GQ100

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com