Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCS-5063 Datasheet(PDF) 2 Page - Level One

Part # FCS-5063
Description  Fixed Network Camera
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-5063 Datasheet(HTML) 2 Page - Level One

  FCS-5063 Datasheet HTML 1Page - Level One FCS-5063 Datasheet HTML 2Page - Level One FCS-5063 Datasheet HTML 3Page - Level One FCS-5063 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
제품사양
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3af Power over Ethernet (PoE)
TCP, UDP, HTTP, HTTPS, DHCP, PPPoE, RTP, RTSP, IPv6, DNS, DDNS, NTP, ICMP, ARP, IGMP, SMTP, FTP,
UPnP, SNMP, Bonjour
Image Sensor:
5-Megapixel 1/3.2" Progressive Scan CMOS
Connectors and Cabling:
1 x RJ-45 10/100 Mbps PoE Port
Modularity:
1 x MicroSDHC/ MicroSDXC card slot
Button:
Reset Button
Indicator:
Power
Lens:
Fixed focal, Fixed iris, Fixed focus, f4.2mm, F1.8
IR Cut Filter:
Removable infrared-cut filter for day & night function
IR LED:
15 IR LEDs for illumination up to 30m
Shutter Time:
1/5 ~ 1/10,000 sec
Angle of View:
62.7°
Pan/Tilt/Zoom:
Digital Zoom to very high detail available on Software
Video Compression:
H.264 / MJPEG
Resolution:
5M (2592x1944)
Video Format:
RAW
Power:
Power Consumption: PoE Class 2 (IEEE802.3af) / 4.8 W
Power Input: 802.3af PoE
Features
Video:
Image Setting: - Adjustable image size, quality and bit rate
- Configurable brightness, sharpness, contrast, saturation, white balance and exposure
- AGC/AWB/AES
- Back Light Compensation (BLC)
- Wide Dynamic Range (WDR), Basic WDR (74 dB)
- 2D Noise Reduction (2DNR)
Streaming: Up to 2 video streams
www.level1.com
Page 2 of 4


Similar Part No. - FCS-5063

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-5061 LVL1-FCS-5061 Datasheet
349Kb / 6P
   5-Megapixel (2592 x 1944) high-definition resolution Weatherproof IP66-rated with wide operating temperature (-40째C to 50째C) for harsh environments
FCS-5062 LVL1-FCS-5062 Datasheet
428Kb / 6P
   5-Megapixel (2592 x 1944) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-5064 LVL1-FCS-5064 Datasheet
718Kb / 4P
   Fixed Network Camera
FCS-5065 LVL1-FCS-5065 Datasheet
646Kb / 4P
   Zoom Network Camera, 5-Megapixel
More results

Similar Description - FCS-5063

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-1153 LVL1-FCS-1153 Datasheet
519Kb / 4P
   Fixed Network Camera
FCS-1131 LVL1-FCS-1131 Datasheet
529Kb / 5P
   Fixed Network Camera
FCS-5053 LVL1-FCS-5053 Datasheet
683Kb / 4P
   Fixed Network Camera
FCS-1152 LVL1-FCS-1152 Datasheet
540Kb / 4P
   Fixed Network Camera
FCS-5054 LVL1-FCS-5054 Datasheet
511Kb / 4P
   Fixed Network Camera
FCS-5064 LVL1-FCS-5064 Datasheet
718Kb / 4P
   Fixed Network Camera
FCS-3072 LVL1-FCS-3072 Datasheet
580Kb / 4P
   Fixed Dome Network Camera
FCS-3053 LVL1-FCS-3053 Datasheet
683Kb / 4P
   Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
   Fixed Dome Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
   Fixed Dome Network Camera
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com