Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1643EUA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1643EUA
Description  High-Efficiency, Step-Up DC-DC Converters for 1V Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1643EUA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1643EUA Datasheet HTML 1Page - Maxim Integrated Products MAX1643EUA Datasheet HTML 2Page - Maxim Integrated Products MAX1643EUA Datasheet HTML 3Page - Maxim Integrated Products MAX1643EUA Datasheet HTML 4Page - Maxim Integrated Products MAX1643EUA Datasheet HTML 5Page - Maxim Integrated Products MAX1643EUA Datasheet HTML 6Page - Maxim Integrated Products MAX1643EUA Datasheet HTML 7Page - Maxim Integrated Products MAX1643EUA Datasheet HTML 8Page - Maxim Integrated Products MAX1643EUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX1642/MAX1643 are high-efficiency, low-voltage,
step-up DC-DC converters intended for devices pow-
ered by a single alkaline cell. They feature low quies-
cent supply currents and are supplied in the ultra-small
µMAX package, which is only 1.1mm high. The guaran-
teed start-up voltage is 0.88V.
Each device consists of an internal 1
Ω, N-channel
MOSFET power switch; a built-in synchronous rectifier
that acts as the catch diode; an oscillator; a reference;
and pulse-frequency-modulation (PFM) control circuitry.
Both devices feature an independent undervoltage
comparator (PFI/PFO). The MAX1642 also includes a
2µA logic-controlled shutdown mode. The MAX1643
offers a dedicated low-battery detector (BATTLO) in
lieu of shutdown.
The output voltage for each device is preset to 3.3V
±4%, or can be adjusted from +2V to +5.2V using only
two resistors.
________________________Applications
Pagers
Remote Controls
Pointing Devices
Personal Medical Monitors
Single-Cell Battery-Powered Devices
____________________________Features
o Built-In Synchronous Rectifier
o 0.88V Guaranteed Start-Up
o Ultra-Small µMAX Package: 1.1mm High
o 83% Efficiency
o 4µA Quiescent Supply Current into BATT Pin
o 2µA Logic-Controlled Shutdown (MAX1642)
o Two Undervoltage Detectors (MAX1643)
o 2V to 5.2V Output Range
o 20mA Output Current at 1.2V Input
o Reverse Battery Protection
High-Efficiency, Step-Up
DC-DC Converters for 1V Inputs
________________________________________________________________
Maxim Integrated Products
1
GND
PFO
FB
SHDN
1
2
8
7
OUT
LX
PFI
BATT
MAX1642
µMAX
TOP VIEW
3
4
6
5
GND
BATTLO
FB
PFO
1
2
8
7
OUT
LX
PFI
BATT
MAX1643
µMAX
3
4
6
5
_________________Pin Configurations
OUT
OUTPUT
3.3V
INPUT
0.88V TO 1.65V
100
µH
22
µF
22
µF
ON
LOW-BATTERY
DETECTOR INPUT
LOW-BATTERY
DETECTOR OUTPUT
OFF
PFO
BATT
LX
MAX1642
SHDN
PFI
GND
FB
__________Typical Operating Circuit
______________Ordering Information
PART
MAX1642C/D
MAX1642EUA
MAX1643C/D
0°C to +70°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
8 µMAX
Dice*
MAX1643EUA
-40°C to +85°C
8 µMAX
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
19-1183; Rev 0; 6/97
*
Dice are tested at TA = +25°C.
Note: To order these devices shipped in tape and reel, add a -T
to the part number.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX1643EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1640 MAXIM-MAX1640 Datasheet
116Kb / 11P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
19-1245; Rev 0; 7/97
MAX1640 MAXIM-MAX1640 Datasheet
287Kb / 12P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
MAX1640 MAXIM-MAX1640 Datasheet
53Kb / 4P
   Fully Assembled and Tested
1997
MAX1640C MAXIM-MAX1640C Datasheet
116Kb / 11P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
19-1245; Rev 0; 7/97
MAX1640C/D MAXIM-MAX1640C/D Datasheet
287Kb / 12P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
More results

Similar Description - MAX1643EUA

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WD3133E WILLSEMI-WD3133E Datasheet
692Kb / 12P
   HIGH EFFICIENCY, 1.2-MHz DC-DC STEP-UP CONVERTERS
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
logo
Richtek Technology Corp...
RT9903B RICHTEK-RT9903B Datasheet
415Kb / 15P
   4 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
   5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com