Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCS-7111 Datasheet(PDF) 1 Page - Level One

Part # FCS-7111
Description  1-Port H.264 PoE Video Server
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-7111 Datasheet(HTML) 1 Page - Level One

  FCS-7111 Datasheet HTML 1Page - Level One FCS-7111 Datasheet HTML 2Page - Level One FCS-7111 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

1-Port H.264 PoE
Video Server
FCS-7111
H/W Version: 1
The LevelOne FCS-7111 1-Port H.264 PoE Video Server
enables analog cameras to be incorporated with
an IP-based network system and provides superior
functionality for state-of-the-art surveillance.
Triple Codec and Multiple Video Streams
The FCS-7111 supports the advanced H.264
compression format that drastically reduces file
sizes and conserves valuable bandwidth as well as
storage space. Users can receive multiple streams
simultaneously based on different settings for viewing
on different platforms such as PCs or mobile phones.
With tamper detection support, cameras connected to
the FCS-7111 will be able to detect camera tampering
attempts in real time.
PoE Compliance for Simplified Deployment
802.3af compliance not only allows easy deployment
without lumpy cable connections but also reduces
cabling cost. With one single Ethernet cable data and
power can be transmitted simultaneously.
Free Bundled Software
The FCS-7111 comes with LevelOne’s 32-channel
surveillance software, IP CamSecure Lite which is
upgradeable to IP CamSecure Pro Mega for advanced
functionality and abundant surveillance management
features.
Key Features
- Up to 30 fps in D1 Resolution
- Real-time H.264, MPEG-4, and MJPEG Compression
(Triple Codec)
- Multiple Streams Simultaneously
- Built-in 802.3af Compliant PoE
- Two-way Audio via SIP Protocol
- HTTPS Encrypted Data Transmission
- 802.1x Port-based Authentication for Network
Protection
- Digital I/O for External Sensor and Alarm
- RS-485 Interface for Scanners, Pan/Tilts
- Built-in SD/SDHC Card Slot for On-board Storage
- Bundle with LevelOne 32-Channel Monitoring
Software
FCS-9464
IP CamSecure Pro64 Mega
(64-Channel)
Works Well With
1
1. LAN Port
2. LED Indicator
3. Digital Input/Output
4. Power Cord Socket
5. SD Card Slot
6. Reset Button
7. BNC Connector
8. Audio Out
9. Audio In
FSW-0503
4FE PoE + 1 FE Switch
2
3
4
6
5
7
8
9


Similar Part No. - FCS-7111

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-7004 LVL1-FCS-7004 Datasheet
631Kb / 3P
   4-Channel Video Encoder, 802.3af PoE
More results

Similar Description - FCS-7111

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX24501 CONEXANT-CX24501 Datasheet
304Kb / 4P
   HDTV MPEG-2/H.264/VC-1 Video Decoder
logo
Moxa Inc.
461A MOXA-461A Datasheet
895Kb / 6P
   Superior video performance, 1-channel H.264/MJPEG industrial video encoders
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
116Kb / 2P
   Multichannel H.264 Audio/Video Codec
logo
Renesas Technology Corp
TW2819 RENESAS-TW2819 Datasheet
245Kb / 2P
   Multichannel H.264 Audio/Video Codec
logo
Intersil Corporation
TW2819 INTERSIL-TW2819 Datasheet
143Kb / 2P
   Multichannel H.264 Audio/Video Codec
July 31, 2015
logo
Renesas Technology Corp
TW2809C1 RENESAS-TW2809C1 Datasheet
3Mb / 130P
   Multichannel H.264 Audio/Video Codec
TW2809C RENESAS-TW2809C Datasheet
4Mb / 130P
   Multichannel H.264 Audio/Video Codec
February 27, 2014
logo
Advantech Co., Ltd.
DSP-8601 ADVANTECH-DSP-8601_14 Datasheet
825Kb / 2P
   1-ch H.264 USB Video Capture Module with SDK
DVP-8610E ADVANTECH-DVP-8610E Datasheet
404Kb / 2P
   1-Ch H.264 USB Video Capture Module with SDK
3-Aug-2013
logo
Synaptics Incorporated.
CX2418X CONEXANT-CX2418X Datasheet
636Kb / 2P
   MPEG-4 AVC/H.264 Video Decoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com