Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30SCLJQ045 Datasheet(PDF) 1 Page - International Rectifier

Part # 30SCLJQ045
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30SCLJQ045 Datasheet(HTML) 1 Page - International Rectifier

  30SCLJQ045 Datasheet HTML 1Page - International Rectifier 30SCLJQ045 Datasheet HTML 2Page - International Rectifier 30SCLJQ045 Datasheet HTML 3Page - International Rectifier 30SCLJQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
15 Amp, 45V
30SCLJQ045
Major Ratings and Characteristics
Description/Features
6/01/01
CASE STYLE
IR Case Style SMD-0.5
www.irf.com
1
Characteristics
30SCLJQ045 Units
IF(AV)
30
A
VRRM (Per Leg)
45
V
IFSM @ tp = 8.3ms half-sine
(Per Leg)
112
A
VF @ 15Apk, TJ =125°C
0.69
V
(Per Leg)
TJ, Tstg Operating and storage -55 to 150
°C
ANODECOMMONANODE
CATHODE
2
13
HIGH EFFICIENCY SERIES
The 30SCLJQ045 center tap Schottky rectifier has been
expressly designed to meet the rigorous requirements of hi-
rel environments. It is packaged in the hermetic surface
mount SMD-0.5 ceramic package. The device's forward
voltage drop and reverse leakage current are optimized
for the lowest power loss and the highest circuit efficiency
for typical high frequency switching power supplies and
resonent power converters. Full
MIL-PRF-19500 quality
conformance
testing
is
available
on source
control
drawings to TX, TXV and S quality levels.
• Hermetically Sealed
• Center Tap
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long term
Reliability
• Surface Mount
• Lightweight
PD -93948B


Similar Part No. - 30SCLJQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30SCLJQ045 IRF-30SCLJQ045 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 30SCLJQ045

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com