Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1635EAI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1635EAI
Description  Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1635EAI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1635EAI Datasheet HTML 2Page - Maxim Integrated Products MAX1635EAI Datasheet HTML 3Page - Maxim Integrated Products MAX1635EAI Datasheet HTML 4Page - Maxim Integrated Products MAX1635EAI Datasheet HTML 5Page - Maxim Integrated Products MAX1635EAI Datasheet HTML 6Page - Maxim Integrated Products MAX1635EAI Datasheet HTML 7Page - Maxim Integrated Products MAX1635EAI Datasheet HTML 8Page - Maxim Integrated Products MAX1635EAI Datasheet HTML 9Page - Maxim Integrated Products MAX1635EAI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
__________________________________________________________________________Pin Description
Multi-Output, Low-Noise Power-Supply
Controllers for Notebook Computers
6
_______________________________________________________________________________________
____________________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, 3A Table 1 components, TA = +25°C, unless otherwise noted.)
1000
0.1
0.1
10
1000
100
SWITCHING FREQUENCY
vs. LOAD CURRENT
10
1
100
LOAD CURRENT (mA)
1
+5V, VIN = 15V
+3.3V, VIN = 15V
+3.3V, VIN = 6V
+5V, VIN = 6V
5.00
4.90
50
60
VL REGULATOR OUTPUT VOLTAGE
vs. OUTPUT CURRENT
4.98
OUTPUT CURRENT (mA)
0
4.94
4.92
30
40
4.96
10
20
VIN = 15V
ON3 = ON5 = 0V
2.510
2.480
2.485
5
6
REF OUTPUT VOLTAGE
vs. OUTPUT CURRENT
2.505
OUTPUT CURRENT (mA)
0
2.495
2.490
3
4
2.500
1
2
VIN = 15V
ON3 = ON5 = 0V
2ms/div
START-UP WAVEFORMS
RUN
5V/div
3.3V OUTPUT
2V/div
TIME
5V/div
5V OUTPUT
5V/div
SEQ = VL, 0.015
µF CAPACITOR ON-TIME
Feedback Input for the 3.3V SMPS; regulates at FB3 = REF (approx. 2.5V) in adjustable mode. FB3 is a
Dual Mode input that also selects the 3.3V fixed output voltage setting when tied to GND. Connect FB3
to a resistor divider for adjustable-output mode.
FB3
3
12V/120mA Linear Regulator Output. Input supply comes from VDD. Bypass 12OUT to GND with
1µF minimum.
12OUT
(MAX1630/
32/33/35)
Current-Sense Input. Also serves as the feedback input in fixed-output mode.
CSL3
2
FUNCTION
NAME
PIN
Logic-Control Input for secondary feedback. Selects the PWM that uses a transformer and secondary
feedback signal (SECFB):
STEER = GND: 3.3V SMPS uses transformer
STEER = VL: 5V SMPS uses transformer
STEER
(MAX1631/
MAX1634)
Current-Sense Input for the 3.3V SMPS. Current-limit level is 100mV referred to CSL3.
CSH3
1
4


Similar Part No. - MAX1635EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1635EAI MAXIM-MAX1635EAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
More results

Similar Description - MAX1635EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1630 MAXIM-MAX1630_05 Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 4; 8/05
MAX1632AEAI MAXIM-MAX1632AEAI Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 1; 8/05
MAX1630A MAXIM-MAX1630A Datasheet
288Kb / 29P
   Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
19-3518; Rev 1; 8/05
MAX1901 MAXIM-MAX1901 Datasheet
649Kb / 33P
   500kHz Multi-Output, Low-Noise Power-Supply Controllers for Notebook Computers
Rev 3; 12/03
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX1533A MAXIM-MAX1533A Datasheet
1Mb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 4/06
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com