Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYC8-600P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BYC8-600P
Description  Hyperfast power diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYC8-600P Datasheet(HTML) 3 Page - NXP Semiconductors

  BYC8-600P_15 Datasheet HTML 1Page - NXP Semiconductors BYC8-600P_15 Datasheet HTML 2Page - NXP Semiconductors BYC8-600P_15 Datasheet HTML 3Page - NXP Semiconductors BYC8-600P_15 Datasheet HTML 4Page - NXP Semiconductors BYC8-600P_15 Datasheet HTML 5Page - NXP Semiconductors BYC8-600P_15 Datasheet HTML 6Page - NXP Semiconductors BYC8-600P_15 Datasheet HTML 7Page - NXP Semiconductors BYC8-600P_15 Datasheet HTML 8Page - NXP Semiconductors BYC8-600P_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NXP Semiconductors
BYC8-600P
Hyperfast power diode
BYC8-600P
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2014. All rights reserved
Product data sheet
3 January 2014
3 / 9
Symbol
Parameter
Conditions
Min
Max
Unit
tp = 10 ms; Tj(init) = 25 °C; sine-wave
pulse; Fig. 4
-
91
A
IFSM
non-repetitive peak forward
current
tp = 8.3 ms; Tj(init) = 25 °C; sine-wave
pulse; Fig. 4
-
100
A
Tstg
storage temperature
-65
175
°C
Tj
junction temperature
-
175
°C
003aaj898
IF(AV) (A)
0
12
8
4
8
16
24
Ptot
(W)
0
δ = 1
0.5
0.2
0.1
Fig. 1. Forward power dissipation as a function of
average forward current; square waveform;
maximum values
IF(AV) (A)
0
8
6
2
4
003aaj899
8
12
4
16
20
Ptot
(W)
0
a = 1.57
1.9
2.2
2.8
4.0
Fig. 2. Forward power dissipation as a function of
average forward current; sinusoidal waveform;
maximum values
Tmb (°C)
-50
200
150
50
100
0
003aaj900
4
8
12
IF(AV)
(A)
0
130 °C
Fig. 3. Average forward current as a function of
mounting base temperature; maximum values
tp (s)
10-5
10-2
10-3
10-4
003aaj902
103
102
104
IFSM
(A)
10
tp
P
t
Fig. 4. Non-repetitive peak forward current as a
function of pulse width; square waveform;
maximum values


Similar Part No. - BYC8-600P_15

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BYC8-600P WEEN-BYC8-600P Datasheet
430Kb / 10P
   Hyperfast power diode
More results

Similar Description - BYC8-600P_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYC8D-600 PHILIPS-BYC8D-600_15 Datasheet
162Kb / 11P
   Hyperfast power diode
Rev. 01-27 December 2010
BYC10-600P PHILIPS-BYC10-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20D-600P PHILIPS-BYC20D-600P_15 Datasheet
186Kb / 9P
   Hyperfast power diode
10 February 2014
BYC20X-600P PHILIPS-BYC20X-600P_15 Datasheet
185Kb / 9P
   Hyperfast power diode
4 February 2013
logo
WeEn Semiconductors
BYC5-1200P WEEN-BYC5-1200P Datasheet
338Kb / 10P
   Hyperfast power diode
BYC5D-500 WEEN-BYC5D-500 Datasheet
434Kb / 12P
   Hyperfast power diode
BYC5DX-500 WEEN-BYC5DX-500 Datasheet
367Kb / 12P
   Hyperfast power diode
BYC8-1200P WEEN-BYC8-1200P Datasheet
339Kb / 10P
   Hyperfast power diode
BYC15X-600P WEEN-BYC15X-600P Datasheet
452Kb / 10P
   Hyperfast power diode
BYC20D-600P WEEN-BYC20D-600P Datasheet
432Kb / 10P
   Hyperfast power diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com