Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVR-02 Datasheet(PDF) 2 Page - Level One

Part # NVR-02
Description  Network Video Recorder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

NVR-02 Datasheet(HTML) 2 Page - Level One

  NVR-02 Datasheet HTML 1Page - Level One NVR-02 Datasheet HTML 2Page - Level One NVR-02 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.level1.com
I one world_one brand_one level_
3
Network Video Recorder
Technical Specification
Hardware
Processor
ARM9 1.6Ghz
Memory
512MB DDR3 RAM
HDD Capacity
SATA HDD Slot x 2 (SATA I or SATA II)
Max. Capacity: 6TB (3TB per HDD)
LAN Port
10/100/1000Base-T
USB
1 x USB 2.0 for backup device and firmware upgrade
Buttons
Power button, reset button, buzzer stop button
LED Indicators
Power, System, Network, HDD, Alarm, Camera
Alarm Buzzer
System warning, event alert
Digital Input/Output
DI x 8 / DO x 4
Dimensions
220 x 218 x 81 mm
Weight
2670 g (without HDD)
Power
100~240V AC, 1.4A
Power Consumption
max. 90W
Operating Temperature
5 °C ~ 45 °C
Operating Humidity
5% ~ 90% (non condensing)
Approvals
CE/FCC
Camera
Channels
4 / 8 / 16
Supported Brands
A-MTK / Abus / ACTi / AirLive / ALinking / Arecont Vision / AVTech /
Axis / Brickcom / Canon / CNB / Compro / D-Link / Dynacolor /
Etrovision / Flexwatch / Hikvision / Hunt / iMege / IQInvision /
LevelOne / Mobotix / Panasonic / Pixord / Planet / Planex / Sanyo /
Sony / Toshiba / Vivotek / Zavio
Video
Resolution
5MP / 3MP / 2MP / Full HD / MegaPixel / FD1 / CIF / QCIF
Compression
H.264 / MPEG-4 / M-JPEG
Audio
Codec
G.711 / G.726
Streaming
2-Way Audio
Live Viewing
Display Mode
Live View / Playback / Full Screen
Split Screen
NVR-0204 - 1/4
NVR-0208 - 1/4/8
NVR-0216 - 1/4/16, 9/13
Full Screen
NVR-0204 - 1/4
NVR-0208 - 1/4/8
NVR-0216 - 1/4/16, 9/13
PTZ Support
Virtual PTZ Panel / Auto Pan / Preset Point / Preset
Sequence / Digital PTZ
Sequence Mode
Sequence All / Manually Selected cameras in 1/4 split view with
configurable timer
Snapshot
3 continuous snapshots in JPEG format
E-Map
Motion Detected Event Display on E-Map / Google Map
Mobile Device
Live image view through mobile device’s web browser
Support iPhone / Blackberry / WinMobile 6.5 / Symbian S60
Playback
Split Screen
1/4
Seach Method
Time/Date, Event
Playback Controls
Play / Pause / Stop / Forward / Reverse / Speed Adjust / Frame by
Frame
Backup
Export Playback Videos to Local Computer in AVI
Format
Recording
Max. Frame Rate
240 fps (1920 x 1080, H.264)
Capacity
Depends on hard disk
Recording Mode
Manual / Continuous / Schedule / Event
Scheduling Types
Manual Select / Profile-based / Weekly Mode
Dual Stream
Support different video format for recording
other than the one used for live view
Network Throughput
80 Mbps
Export File Format
AVI
Triggers & Event
System Events
System Start/Shutdown, System Settings modified, Camera Settings
Modified, Start Recycle, Disk Full
Camera Events
Motion / Sensor Detection
Event Actions
Mail / FTP / Record / Buzzer
Event Recording
Pre/Post Event Settings
Management
Number of Groups
7 (Administrator/Guest/User Define * 5)
Privileges
Live View / Playback / System Configurations / Camera Configurations /
Recording Configuration / Event Configuration / Maintenance
System Log
Alert / Event / User Access
Central Management
Support NVR Management Software to manage up to 16 NVR device.
Network
Supported Protocols
HTTP, SMTP, DHCP, ARP, NTP, DNS, UPnP, FTP
Device Network Configuration
Static IP / DHCP (client & server)
Max. Session
48 (live:32, playback:16)
General
Languages
English / Trad. Chinese /Simp. Chinese / Japanese / Italian / Spanish /
Portuguese / German / Danish / Czech /
Polish / French / Russian / Slovenian / Hungarian / Turkish / Finnish /
Dutch / Slovenian / Greek
Hardware Requirements
CPU: Intel Core 2 Duo @ 2.4Ghz or higher
RAM: 1GB or above
Network: 100 Megabit Network Interface or above
Software Requirements
Internet Explorer 7 or above
* Please visit http://global.level1.com for the latest product
compatibility list.


Similar Part No. - NVR-02

ManufacturerPart #DatasheetDescription
logo
Level One
NVR-0204 LVL1-NVR-0204 Datasheet
915Kb / 3P
   Supports smart camera search and 2-way audio
More results

Similar Description - NVR-02

ManufacturerPart #DatasheetDescription
logo
Level One
NVR-12 LVL1-NVR-12 Datasheet
773Kb / 3P
   Network Video Recorder
NVR-0104 LVL1-NVR-0104 Datasheet
817Kb / 3P
   4-CH Network Video Recorder
NVR-0316 LVL1-NVR-0316 Datasheet
485Kb / 3P
   16-Channel Network Video Recorder
logo
AAEON Technology
VPC-3300S AAEON-VPC-3300S Datasheet
396Kb / 2P
   In-Vehicle Network Video Recorder Platform with Intel
VPC-5500S AAEON-VPC-5500S Datasheet
460Kb / 2P
   In-Vehicle Network Video Recorder Platform with Intel
VPC-5600S AAEON-VPC-5600S Datasheet
185Kb / 1P
   Fanless In-Vehicle Network Video Recorder with Intel Processor
logo
Advantech Co., Ltd.
MIC-730IVA ADVANTECH-MIC-730IVA Datasheet
584Kb / 2P
   8ch AI Network Video Recorder on NVIDIA Jetson® Xavier
6-Sep-2022
logo
Panasonic Semiconductor
DMR-ES10EB PANASONIC-DMR-ES10EB Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
AG-TL500 PANASONIC-AG-TL500 Datasheet
102Kb / 1P
   VHS Time-Lapse Video Cassette Recorder
logo
Advantech Co., Ltd.
NVS-160 ADVANTECH-NVS-160_13 Datasheet
315Kb / 2P
   Embedded Video Recorder with PoE Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com