Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1652EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1652EEE
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1652EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1652EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1652EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
_______________________________________________________________________________________
7
100
50
0.001
0.1
1
0.01
10
EFFICIENCY vs.
LOAD CURRENT (5V/3A CIRCUIT)
60
LOAD CURRENT (A)
70
80
90
V+ = 28V
V+ = 6V
V+ = 12V
MAX1653
f = 300kHz
____________________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, SKIP = GND, TA = +25°C, unless otherwise noted.)
100
50
0.001
0.1
1
0.01
10
EFFICIENCY vs.
LOAD CURRENT (3.3V/5A CIRCUIT)
60
LOAD CURRENT (A)
70
80
90
V+ = 6V
V+ = 28V
V+ = 12V
MAX1653
f = 300kHz
0
10
5
20
15
25
30
0
10
15
5
20
25
30
PWM-MODE SUPPLY CURRENT vs.
INPUT VOLTAGE (3.3V/3A CIRCUIT)
INPUT VOLTAGE (V)
MAX1653
SKIP = VL
f = 300kHz
NO LOAD
100
50
0.001
0.1
1
0.01
10
EFFICIENCY vs.
LOAD CURRENT (1.8V/2.5A CIRCUIT)
60
LOAD CURRENT (A)
70
80
90
V+ = 6V
V+ = 24V
V+ = 12V
MAX1655
f = 300kHz
0.01
0
30
20
10
25
15
5
IDLE-MODE SUPPLY CURRENT vs.
INPUT VOLTAGE (3.3V/3A CIRCUIT)
0.1
1
10
INPUT VOLTAGE (V)
MAX1653
SKIP = 0
NO LOAD
0
4
2
6
8
10
0
10
15
5
20
25
30
SHUTDOWN SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
SHDN = 0V
0
10
5
20
15
25
30
0
100
150
50
200
250 300 350
400
REF LOAD-REGULATION ERROR
vs. REF LOAD CURRENT
LOAD CURRENT (µA)
0
300
900
600
1200
1500
0
10
15
5
20
25
30
MAX1652 MAXIMUM SECONDARY OUTPUT
CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VSEC > 12.75V,
+5V OUTPUT > 4.75V,
CIRCUIT OF FIGURE 9
+5V LOAD = 0A
+5V LOAD = 3A
0
10
5
20
15
25
50
45
40
35
30
0
20
30
10
40
50
60
70
80
VL LOAD-REGULATION ERROR
vs. VL LOAD CURRENT
LOAD CURRENT (mA)


Similar Part No. - MAX1652EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX165 MAXIM-MAX165 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MAX1651 MAXIM-MAX1651 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1651 MAXIM-MAX1651 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1651 MAXIM-MAX1651 Datasheet
87Kb / 4P
   provides a regulated 5V output voltage from a 5.5V to 16.5V source Evaluation Kit
Rev 1; 11/07
MAX1651C/D MAXIM-MAX1651C/D Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
More results

Similar Description - MAX1652EEE

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672_V01 Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com