Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1642C-T Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1642C-T
Description  High-Efficiency, Step-Up DC-DC Converters for 1V Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1642C-T Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1642C-T Datasheet HTML 4Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 5Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 6Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 7Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 8Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 9Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 10Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 11Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
High-Efficiency, Step-Up
DC-DC Converters for 1V Inputs
10
______________________________________________________________________________________
Table 2. Surface-Mount Inductor Information
Table 1. Component Suppliers
SUPPLIER
PHONE
FAX
AVX
USA
(803) 946-0690
(803) 626-3123
(800) 282-4975
Coilcraft
USA
(847) 639-6400
(847) 639-1469
Coiltronics
USA
(561) 241-7876
(561) 241-9339
Dale
USA
(605) 668-4131
(605) 665-1627
Nichicon
USA
(847) 843-7500
(847) 843-2798
Japan
81-7-5231-8461
81-7-5256-4158
Sanyo
USA
(619) 661-6835
(619) 661-1055
Japan
81-7-2070-6306
81-7-2070-1174
Sprague
USA
(603) 224-1961
(603) 224-1430
Sumida
USA
(847) 956-0666
(847) 956-0702
Japan
81-3-3607-5111
81-3-3607-5144
TDK
USA
(847) 390-4373
(847) 390-4428
TRANSISTOR COUNT: 594
SUBSTRATE CONNECTED TO GND
__________________ Chip Information
Sumida CD54-221
1.57
350
220
ISAT
(mA)
RESISTANCE
(
Ω)
Coilcraft DO1608-154
Coilcraft DO1608-224
2.3
220
Sumida CD54-151
1.1
1.7
400
270
Coilcraft DO1608-104
Sumida CD54-101
0.7
100
1.1
520
310
Sumida CD54-680
0.46
68
610
400
INDUCTOR SPECIFICATION
VENDOR/PART
Coilcraft DO1608-683
INDUCTANCE
(µH)
TDK NLC565050T-101K
1.6
250
0.75
150
TDK NLC565050T-151K
2.2
210


Similar Part No. - MAX1642C-T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX16425 AD-MAX16425 Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425A AD-MAX16425A Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425AGCJ++ AD-MAX16425AGCJ+ Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425AGCJ+T AD-MAX16425AGCJ+T Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425GCJ++ AD-MAX16425GCJ+ Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
More results

Similar Description - MAX1642C-T

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WD3133E WILLSEMI-WD3133E Datasheet
692Kb / 12P
   HIGH EFFICIENCY, 1.2-MHz DC-DC STEP-UP CONVERTERS
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
logo
Richtek Technology Corp...
RT9903B RICHTEK-RT9903B Datasheet
415Kb / 15P
   4 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
   5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com