Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1642C-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1642C-T
Description  High-Efficiency, Step-Up DC-DC Converters for 1V Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1642C-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1642C-T Datasheet HTML 1Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 2Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 3Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 4Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 5Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 6Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 7Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 8Page - Maxim Integrated Products MAX1642C-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
High-Efficiency, Step-Up
DC-DC Converters for 1V Inputs
_______________________________________________________________________________________
5
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 4, VBATT = 1.2V, R1 + R2 = 1MΩ, TA = +25°C, unless otherwise noted.)
B
LOAD-TRANSIENT RESPONSE
A
400µs/div
VOUT = 3.3V, VBATT = 1.2V
A: OUT, 20mV/div, 3.3V DC OFFSET
B: LOAD, 2mA to 20mA, 10mA/div
0
0.8
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1.4
25
30
5
15
10
20
0.9
1.3
1.2
1.5
1.6
35
1.0
1.1
L1 = 100
µH
SUMIDA CD54-101
VOUT = 5V
VOUT = 3.3V
VOUT = 2.4V
0
0.8
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1.4
14
12
18
16
4
2
6
10
8
0.9
1.3
1.2
1.5
1.6
20
1.0
1.1
L1 = 150
µH
TDK NLC565050T-151K
VOUT = 5V
VOUT = 3.3V
VOUT = 2.4V
C
SWITCHING WAVEFORMS
B
A
10ms/div
VOUT = 3.3V, VIN = 1.2V, IOUT = 12mA
A: LX, 2V/div, L1 = TDK NLC565050T-151K
B: OUT, 20mV/div, 3.3V DC OFFSET
C: INDUCTOR CURRENT, 100mA/div
B
LINE-TRANSIENT RESPONSE
A
400µs/div
VOUT = 3.3V, LOAD = 15mA
A: OUT, 50mV/div, 3.3V DC OFFSET
B: VBATT, 1V to 1.5V, 500mV/div
B
C
SHUTDOWN RESPONSE AND
INDUCTOR CURRENT
A
10ms/div
VOUT = 3.3V, VBATT = 1.2V, IOUT = 5mA
A: OUT, 1V/div
B: INDUCTOR CURRENT, 200mA/div
C: SHDN, 2V/div


Similar Part No. - MAX1642C-T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX16425 AD-MAX16425 Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425A AD-MAX16425A Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425AGCJ++ AD-MAX16425AGCJ+ Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425AGCJ+T AD-MAX16425AGCJ+T Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
MAX16425GCJ++ AD-MAX16425GCJ+ Datasheet
2Mb / 31P
   Integrated, Step-Down Switching Regulator with Selectable Applications Configurations
Rev 0; 1/19
More results

Similar Description - MAX1642C-T

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WD3133E WILLSEMI-WD3133E Datasheet
692Kb / 12P
   HIGH EFFICIENCY, 1.2-MHz DC-DC STEP-UP CONVERTERS
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
logo
Richtek Technology Corp...
RT9903B RICHTEK-RT9903B Datasheet
415Kb / 15P
   4 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
   5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com