Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1658ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1658ESA
Description  350mA, 16.5V Input, Low-Dropout Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1658ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1658ESA Datasheet HTML 4Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 5Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 6Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 7Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 8Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 9Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 10Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 11Page - Maxim Integrated Products MAX1658ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
__________Applications Information
Output Capacitor Selection and Stability
To maintain stability, connect a
≥10µF capacitor with
less than 200m
Ω equivalent series resistance (ESR)
from OUT to GND. Larger output capacitors improve
load-transient response. Currents lower than 350mA
make the use of smaller output capacitors possible.
Table 1 shows the maximum output current typically
achieved using various output capacitors. Output volt-
ages higher than 3.3V require less output capacitance
to remain stable.
Table 1. Typical Load Current Capabilities
Input Bypass Capacitor
The use of a 0.1µF to 10µF input bypass capacitor is
recommended. Larger capacitors provide better sup-
ply-noise rejection and line-transient response, as well
as improved performance when the supply has a high
AC impedance. Polarized input bypass capacitors will
be damaged under reverse battery conditions. If
reverse input voltages are expected, use a non-polar-
ized capacitor at the input.
Noise and PSRR
The MAX1658/MAX1659 exhibit 2.5mVp-p of noise dur-
ing normal operation. This noise level is negligible in
most applications.
The MAX1658/MAX1659 are designed to maintain
excellent power-supply rejection (55dB) at 50Hz/60Hz
(or 50dB at 120Hz). These regulators are ideal for wall-
cube applications that may contain significant ripple.
Larger input and output capacitors will further improve
the circuit’s AC response. See the Power-Supply
Rejection Ratio vs. Frequency graphs in the
Typical
Operating Characteristics.
350mA, 16.5V Input,
Low-Dropout Linear Regulators
_______________________________________________________________________________________
9
OUTPUT CAPACITOR
0mA to 120mA
2.2µF tantalum
LOAD CURRENT RANGE
0mA to 250mA
4.7µF tantalum
0mA to 350mA
10µF tantalum
___________________Chip Information
TRANSISTOR COUNT: 207


Similar Part No. - MAX1658ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1658ESA MAXIM-MAX1658ESA Datasheet
115Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
MAX1658ESA++ MAXIM-MAX1658ESA+ Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
More results

Similar Description - MAX1658ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1658ESA MAXIM-MAX1658ESA Datasheet
115Kb / 12P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
Rev 0; 7/97
MAX1658 MAXIM-MAX1658_V01 Datasheet
1Mb / 10P
   350mA, 16.5V Input, Low-Dropout Linear Regulators
2014
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
Union Semiconductor, In...
UM1650 UNIONSEMI-UM1650 Datasheet
670Kb / 18P
   350mA, Micropower, Very Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com