Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSSW157F-HG Datasheet(PDF) 7 Page - NICHIA CORPORATION

Part # NSSW157F-HG
Description  rohs compliant
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NSSW157F-HG Datasheet(HTML) 7 Page - NICHIA CORPORATION

Back Button NSSW157F-HG Datasheet HTML 3Page - NICHIA CORPORATION NSSW157F-HG Datasheet HTML 4Page - NICHIA CORPORATION NSSW157F-HG Datasheet HTML 5Page - NICHIA CORPORATION NSSW157F-HG Datasheet HTML 6Page - NICHIA CORPORATION NSSW157F-HG Datasheet HTML 7Page - NICHIA CORPORATION NSSW157F-HG Datasheet HTML 8Page - NICHIA CORPORATION NSSW157F-HG Datasheet HTML 9Page - NICHIA CORPORATION NSSW157F-HG Datasheet HTML 10Page - NICHIA CORPORATION NSSW157F-HG Datasheet HTML 11Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NICHIA STS-DA1-3613A <Cat.No.150622>
6
* If the top cover tape is removed right next to where the nozzle picks up the LEDs, regardless of whether the LEDs have been baked
or not, it may cause the LED to be picked up incorrectly; it is recommended to remove the top cover tape further
from where the nozzle picks up the LEDs. Ensure that there are no issues with the conditions when the nozzle picks up the LEDs.
● Recommended Tape Removal Position(Removing the cover tape further from the pick-and-place nozzle)
吸着ノズル
Pick-and-place nozzle
キャリアテープ引き出し方向
Feed Direction of the Carrier Tape
テープ剥離位置
Tape Removal Position
製品テープ
Top Cover Tape
● Incorrect Tape Removal Position(Removing the cover tape right next to the pick-and-place nozzle)
製品テープ
Top Cover Tape
吸着ノズル
Pick-and-place nozzle
テープ剥離位置
Tape Removal Position
キャリアテープ引き出し方向
Feed Direction of the Carrier Tape
* The recommended soldering pad pattern is designed for attachment of the LED without problems.
When precise mounting accuracy is required, such as high-density mounting, ensure that the size and shape of the pad
are suitable for the circuit design.
* Consider factors such as the reflow soldering temperature, hand soldering temperature, etc. when choosing the solder.
* When flux is used, it should be a halogen free flux. Ensure that the manufacturing process is not designed in a manner
where the flux will come in contact with the LEDs.
* Make sure that there are no issues with the type and amount of solder that is being used.
* All of the electrode pads are on the backside of this product; solder connections will not be able to be seen nor confirmed
by a normal visual inspection. When using the product, ensure that there are no issues with the soldering conditions.


Similar Part No. - NSSW157F-HG

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSSW157A NICHIA-NSSW157A Datasheet
274Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW157AT NICHIA-NSSW157AT Datasheet
274Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW157AT-H3 NICHIA-NSSW157AT-H3 Datasheet
273Kb / 17P
   SPECIFICATIONS FOR WHITE LED
NSSW157B NICHIA-NSSW157B Datasheet
281Kb / 19P
   SPECIFICATIONS FOR WHITE LED
NSSW157BT NICHIA-NSSW157BT Datasheet
270Kb / 17P
   Pb-free Reflow Soldering Application, Built-in ESD Protection Device
More results

Similar Description - NSSW157F-HG

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com