Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60LQ045 Datasheet(PDF) 1 Page - International Rectifier

Part # 60LQ045
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60LQ045 Datasheet(HTML) 1 Page - International Rectifier

  60LQ045 Datasheet HTML 1Page - International Rectifier 60LQ045 Datasheet HTML 2Page - International Rectifier 60LQ045 Datasheet HTML 3Page - International Rectifier 60LQ045 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCHOTTKY RECTIFIER
60A, 45V
60LQ045
Major Ratings and Characteristics
Description/Features
10/02/12
CASE STYLE
Case Outline and Dimensions - SMD-1
www.irf.com
1
CATHODE ANODE ANODE
HIGH EFFICIENCY SERIES
The 60LQ045 Schottky rectifier has been expressly
designed to meet the rigorous requirements of high
reliability environments. It is packaged in the hermetic
surface mount SMD-1 ceramic package. The device's
forward voltage drop and reverse leakage current are
optimized for the lowest power loss and the highest circuit
efficiency for typical high frequency switching power
supplies and resonant power convertors. Full MIL-PRF-
19500 quality conformance testing is availble on control
drawings to TX, TXV and S quality levels.
• Hermetically Sealed
• Low Forward Voltage Drop
• High Frequency Operation
• Guard Ring for Enhanced Ruggedness and Long term
Reliability
• Surface Mount
• Lightweight
Characteristics
60LQ045
Units
IF(AV)
60
A
VRRM
45
V
IFSM @ tp = 8.3ms half-sine
400
A
VF @ 60Apk, TJ = 125°C
0.6
V
TJ, Tstg Operating and storage -55 to 150
°C
PD-20504D


Similar Part No. - 60LQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60LQ045 IRF-60LQ045 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 60LQ045

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com