Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60LQ100 Datasheet(PDF) 2 Page - International Rectifier

Part # 60LQ100
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

60LQ100 Datasheet(HTML) 2 Page - International Rectifier

  60LQ100 Datasheet HTML 1Page - International Rectifier 60LQ100 Datasheet HTML 2Page - International Rectifier 60LQ100 Datasheet HTML 3Page - International Rectifier 60LQ100 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
60LQ100
2
www.irf.com
Part number
60LQ100
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
100
 Pulse Width < 300µs, Duty Cycle < 2%
‚ Pins 2 and 3 externally tied together
Parameters
60LQ100
Units
Conditions
TJ
Max.Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
RthJC Max. Thermal Resistance, Junction
1.0
°C/W
DC operation
See Fig. 4
to Case
RthJC
Max. Thermal Resistance, Junction
0.50
°C/W
DC operation
to case
wt
Weight (Typical)
2.6
g
Die Description (Square)
0.20
inches
Case Style
SMD-1
Thermal-Mechanical Specifications
Parameters
60LQ100
Units
Conditions
IF(AV) Max. Average Forward Current
60
A
50% duty cycle @ TC = 102°C, rectangular waveform
See Fig. 5
‚
IFSM
Max. Peak One Cycle Non - Repetitive
400
A
@ tp = 8.3 ms sine
‚
Surge Current
Absolute Maximum Ratings
Parameters
60LQ045
Units
Conditions
VFM
Max. Forward Voltage Drop
0.62
V
@ 10A
See Fig. 1

0.95
V
@ 60A
TJ = 25°C
‚
1.15
V
@ 120A
0.68
V
@ 10A
TJ = -55°C
‚
0.70
V
@ 60A
TJ = 125°C
‚
0.97
V
@ 120A
IRM
Max. Reverse Leakage Current
0.8
mA
TJ = 25°C VR = rated VR
‚
See Fig. 2

45
mA
TJ = 125°C
CT
Max. Junction Capacitance
1400
pF
VR = 5VDC, ( 100KHz to 1MHz) 25°C
‚
L S
Typical Series Inductance
2.8
nH
Measured from center of bond pad to end of anode
bonding wire
Electrical Specifications


Similar Part No. - 60LQ100

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60LQ100 IRF-60LQ100 Datasheet
79Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 60LQ100

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com