Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1643EUA-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1643EUA-T
Description  High-Efficiency, Step-Up DC-DC Converters for 1V Inputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1643EUA-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1643EUA-T Datasheet HTML 1Page - Maxim Integrated Products MAX1643EUA-T Datasheet HTML 2Page - Maxim Integrated Products MAX1643EUA-T Datasheet HTML 3Page - Maxim Integrated Products MAX1643EUA-T Datasheet HTML 4Page - Maxim Integrated Products MAX1643EUA-T Datasheet HTML 5Page - Maxim Integrated Products MAX1643EUA-T Datasheet HTML 6Page - Maxim Integrated Products MAX1643EUA-T Datasheet HTML 7Page - Maxim Integrated Products MAX1643EUA-T Datasheet HTML 8Page - Maxim Integrated Products MAX1643EUA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Efficiency, Step-Up
DC-DC Converters for 1V Inputs
_______________________________________________________________________________________
3
Note 2: Start-up guaranteed by correlation to measurements of device parameters (i.e., switch on-resistance, on-times, off-times, and
output voltage trip points).
Note 3:
. This guarantees discontinuous conduction.
Note 4: Specifications to -40°C are guaranteed by design, not production tested.
t
=
t
x V
V
- V
x RATIO
OFF
ON
BATT
OUT
BATT
Falling PFI, hysteresis = 1%
VBATT = 1.0V (MAX1642)
0.9V < VBATT < 1.5V (tON = K / VBATT)
VOUT = 3.5V (MAX1642)
VOUT = 3.3V
VFB < 0.1V
External feedback
VOUT = 3.5V
VOUT = 3.3V
CONDITIONS
mV
550
662
PFI Trip Voltage
µA
3.5
ISHDN,BATT
Shutdown Current into BATT
µA
1
ISHDN,OUT
Shutdown Current into OUT
µA
6.5
IQBATT
Quiescent Current into BATT
µA
18
IQOUT
Quiescent Current into OUT
V-µs
12.4
38.2
K
On-Time Constant
2.2
P-Channel On-Resistance
V
2.99
3.56
VOUT
Output Voltage
V
1.11
1.32
VFB
FB Set Voltage
1.5
N-Channel On-Resistance
UNITS
MIN
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS
(VBATT = VSHDN = 1.3V, ILOAD = 0mA, FB = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)
Falling VBATT, VOUT = 3.3V, hysteresis = 2%
(MAX1643)
V
0.93
1.06
BATTLO Trip Voltage
__________________________________________Typical Operating Characteristics
(Circuit of Figure 4, VBATT = 1.2V, R1 + R2 = 1MΩ, TA = +25°C, unless otherwise noted.)
0
0.01
1
10
0.1
100
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 2.4V)
10
OUTPUT CURRENT (mA)
VIN = 1.6V
L1 = 100
µH
SUMIDA CD54-101
VIN = 1.2V
VIN = 0.85V
VIN = 1.0V
20
30
40
50
60
70
80
90
100
0
0.01
1
10
0.1
100
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 2.4V)
10
OUTPUT CURRENT (mA)
VIN = 1.6V
L1 = 150
µH
TDK NLC565050T-151K
VIN = 1.2V
VIN = 0.85V
VIN = 1.0V
20
30
40
50
60
70
80
90
100
0
0.01
1
10
0.1
100
EFFICIENCY vs. OUTPUT CURRENT
(VOUT = 3.3V)
10
OUTPUT CURRENT (mA)
VIN = 1.6V
L1 = 100
µH
SUMIDA CD54-101
VIN = 1.2V
VIN = 0.85V
VIN = 1.0V
20
30
40
50
60
70
80
90
100


Similar Part No. - MAX1643EUA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1640 MAXIM-MAX1640 Datasheet
116Kb / 11P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
19-1245; Rev 0; 7/97
MAX1640 MAXIM-MAX1640 Datasheet
287Kb / 12P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
MAX1640 MAXIM-MAX1640 Datasheet
53Kb / 4P
   Fully Assembled and Tested
1997
MAX1640C MAXIM-MAX1640C Datasheet
116Kb / 11P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
19-1245; Rev 0; 7/97
MAX1640C/D MAXIM-MAX1640C/D Datasheet
287Kb / 12P
   Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
More results

Similar Description - MAX1643EUA-T

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WD3133E WILLSEMI-WD3133E Datasheet
692Kb / 12P
   HIGH EFFICIENCY, 1.2-MHz DC-DC STEP-UP CONVERTERS
logo
STMicroelectronics
L6920 STMICROELECTRONICS-L6920 Datasheet
238Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
E-L6920D STMICROELECTRONICS-E-L6920D Datasheet
234Kb / 13P
   1V HIGH EFFICIENCY SYNCRONOUS STEP UP CONVERTER
logo
Richtek Technology Corp...
RT9903B RICHTEK-RT9903B Datasheet
415Kb / 15P
   4 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Richtek Technology Corp...
RT9903 RICHTEK-RT9903 Datasheet
440Kb / 15P
   5 Channel DC/DC Converters IC with High-Efficiency Step-Up
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Power IC Ltd.
PS1541 PICSEMI-PS1541 Datasheet
246Kb / 10P
   High Efficiency Step Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2521SL KEXIN-RCR2521SL Datasheet
629Kb / 6P
   High Efficiency, Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com