Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1665V Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1665V
Description  Lithium-Ion Battery Pack Protector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1665V Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1665V Datasheet HTML 1Page - Maxim Integrated Products MAX1665V Datasheet HTML 2Page - Maxim Integrated Products MAX1665V Datasheet HTML 3Page - Maxim Integrated Products MAX1665V Datasheet HTML 4Page - Maxim Integrated Products MAX1665V Datasheet HTML 5Page - Maxim Integrated Products MAX1665V Datasheet HTML 6Page - Maxim Integrated Products MAX1665V Datasheet HTML 7Page - Maxim Integrated Products MAX1665V Datasheet HTML 8Page - Maxim Integrated Products MAX1665V Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Lithium-Ion Battery Pack Protector
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VB2P = 8V (MAX1665S), VB3P = 12V (MAX1665V), VB4P = 16V (MAX1665X), TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
B4P to PKN (MAX1665X)........................................-0.3V to +24V
B3P to PKN (MAX1665V)........................................-0.3V to +18V
B2P to PKN (MAX1665S)........................................-0.3V to +12V
B1P to PKN, B2P to B1P, B3P to B2P, B4P to B3P...-0.3V to +6V
CHG to PKN, DSG to BN
MAX1665S............................................-0.3V to (VB2P + 0.3V)
MAX1665V............................................-0.3V to (VB3P + 0.3V)
MAX1665X............................................-0.3V to (VB4P + 0.3V)
B2P to BN (MAX1665S)..........................................-0.3V to +12V
B3P to BN (MAX1665V)..........................................-0.3V to +18V
B4P to BN (MAX1665X)..........................................-0.3V to +24V
Continuous Power Dissipation (TA= +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Temperature Range...........................................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
MAX1665SESA, VB1P = 4V
nA
310
MAX1665X
MAX1665V
MAX1665S
VPKN = ±300mV
VPKN = ±300mV
(Note 1)
VCHG = VPKN + 3.0V
CHG = PKN, DSG = BN
Cell voltage rising
IDSG = -1µA
VBN - VPKN
MAX1665X, IOUT = 100µA, VB4P = 24V,
VBN = 100mV
CONDITIONS
IBIAS
Input Bias Current (Note 3)
MAX1665VESA, VB1P = 4V, VB2P = 8V
nA
310
MAX1665XESA, VB1P = 4V, VB2P = 8V,
VB3P = 12V
310
ms
135
tOFF
Overcurrent Sampling - tOFF
ms
8.2
tON
Overcurrent Sampling - tON
mA
0.5
2
IOL
CHG Output Sink Current
mA
10
25
IOH
CHG, DSG Output Source
Current
V
VBN + 0.1
VDSGL
DSG Output Voltage Low
V
17
20
DSG Output Voltage High
(Note 2)
V
420
VB4P
B4P Voltage Range
V
4
15
VB3P
V
410
VB2P
B2P Voltage Range
B3P Voltage Range
ms
10
tIO
Overcurrent Detection Delay
ms
200
tUV
Overvoltage/Undervoltage
Delay
mV
5
VCH2
Overcurrent Hysteresis
mV
±200
±250
±300
VCH
Overcurrent Sense Threshold
V
4.26
4.3
4.34
VOV
Overvoltage Threshold
V
0.10
VCE
Overvoltage Hysteresis
V
2.4
2.5
2.6
VUV
Undervoltage Threshold
mV
0
18
30
VRE
Undervoltage RESET
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IOUT = 100µA
V
VB2P - 1.8
VB2P - 0.54
CHG, DSG Output Voltage High
ICHG = -100µA
V
VB3P - 1.8
VB3P - 0.54
MAX1665S
MAX1665V
VPKN + 0.1
VCHGL
VB4P - 1.8
VB4P - 0.54
MAX1665X
CHG Output Voltage Low
VDSG = VBN + 3.0V
µA
0.5
2
IOL
DSG Output Sink Current


Similar Part No. - MAX1665V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX166 MAXIM-MAX166 Datasheet
562Kb / 12P
   CMOS 關P-Compatible, 5關s, 8-Bit ADCs
19-1976; Rev 1; 6/92
MAX1660 MAXIM-MAX1660 Datasheet
244Kb / 20P
   Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
MAX1660 MAXIM-MAX1660 Datasheet
460Kb / 19P
   Digitally Controlled Fuel-Gauge Interface
2006
MAX1660EEE MAXIM-MAX1660EEE Datasheet
244Kb / 20P
   Digitally Controlled Fuel-Gauge Interface
19-1308; Rev 1; 10/98
MAX1660EEE MAXIM-MAX1660EEE Datasheet
460Kb / 19P
   Digitally Controlled Fuel-Gauge Interface
2006
More results

Similar Description - MAX1665V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Shenzhen Huazhimei Semi...
HM5410G HMSEMI-HM5410G Datasheet
625Kb / 13P
   1 lithium-ion rechargeable battery pack
logo
Texas Instruments
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
[Old version datasheet]   Open Wire Stackable Lithium-ion Battery Protector
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com