Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80SCLQ045 Datasheet(PDF) 2 Page - International Rectifier

Part # 80SCLQ045
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80SCLQ045 Datasheet(HTML) 2 Page - International Rectifier

  80SCLQ045_15 Datasheet HTML 1Page - International Rectifier 80SCLQ045_15 Datasheet HTML 2Page - International Rectifier 80SCLQ045_15 Datasheet HTML 3Page - International Rectifier 80SCLQ045_15 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
80SCLQ045
2
www.irf.com
Part number
80SCLQ045
VR
Max. DC Reverse Voltage (V) (Per Leg)
VRWM Max. Working Peak Reverse Voltage (V) (Per Leg)
Voltage Ratings
45
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
80
A
50% duty cycle @ TC = 84°C, square waveform
See Fig. 5
IFSM
Max. Peak One Cycle Non - Repetitive
250
A
@ tp = 8.3 ms half-sine
Surge Current (Per Leg)
Absolute Maximum Ratings
Parameters
Limits
Units
Conditions
VFM
Max. Forward Voltage Drop
0.62
V
@ 30A
(Per Leg) See Fig. 1

0.67
V
@ 40A
TJ= -55°C
0.70
V
@ 45A
0.85
V
@ 80A
0.57
V
@ 30A
0.63
V
@ 40A
TJ = 25°C
0.66
V
@ 45A
0.88
V
@ 80A
Electrical Specifications
0.87
V
@ 80A
 Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits
Units
Conditions
TJ
Max.Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
RthJC Max. Thermal Resistance, Junction
1.25
°C/W
DC operation
See Fig. 4
to Case (Per Leg)
RthJC Max. Thermal Resistance, Junction
0.63
°C/W
DC operation
to Case (Per Package)
wt
Weight (Typical)
2.6
g
Die Size (Typical)
150X180
mils
Thermal-Mechanical Specifications
Case Style
SMD-1
L S
Typical Series Inductance (Per Leg)
5.9
nH
Measured from center of cathode pad to center of
anode pad
CT
Max. Junction Capacitance (Per Leg)
2000
pF
VR = 5VDC ( 1MHz, 25°C )
IRM
Max. Reverse Leakage Current
0.6
mA
TJ = 25°C
(Per Leg) See Fig. 2

80
mA
TJ = 100°C
VR = rated VR
195
mA
TJ = 125°C
0.62
V
@ 40A
TJ = 125°C
0.53
V
@ 30A
0.64
V
@ 45A


Similar Part No. - 80SCLQ045_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SCLQ045 IRF-80SCLQ045 Datasheet
73Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 80 Amp, 45V
More results

Similar Description - 80SCLQ045_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com