Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1655 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1655
Description  High-Efficiency, PWM, Step-Down DC-DC Controllers in 16-Pin QSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1655 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1655 Datasheet HTML 1Page - Maxim Integrated Products MAX1655 Datasheet HTML 2Page - Maxim Integrated Products MAX1655 Datasheet HTML 3Page - Maxim Integrated Products MAX1655 Datasheet HTML 4Page - Maxim Integrated Products MAX1655 Datasheet HTML 5Page - Maxim Integrated Products MAX1655 Datasheet HTML 6Page - Maxim Integrated Products MAX1655 Datasheet HTML 7Page - Maxim Integrated Products MAX1655 Datasheet HTML 8Page - Maxim Integrated Products MAX1655 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
V
High-Efficiency, PWM, Step-Down
DC-DC Controllers in 16-Pin QSOP
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +15V, GND = PGND = 0V, SYNC = REF, IVL = IREF = 0A, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
Note 3: Specifications from 0°C to -40°C are guaranteed by design, not production tested.
0 < (CSH - CSL) < 70mV, FB = VL, 4.5V < V+ < 30V,
includes line and load regulation
0 < (CSH - CSL) < 70mV, FB = VL, 6V < V+ < 30V,
includes line and load regulation
CONDITIONS
V
3.16
3.50
3.3V Output Voltage (CSL)
V
4.5
30
Input Supply Range
V
4.80
5.30
5V Output Voltage (CSL)
UNITS
MIN
TYP
MAX
PARAMETER
CSH - CSL, negative
CSH - CSL, positive
-40
-160
Current-Limit Voltage
V
0.96
1.04
Feedback Voltage
2.40
2.60
mV
70
130
FB = CSH = CSL = 5.5V, VL switched over to CSL
SHDN = 0V, V+ = 30V, CSL = 0 or 5.5V
Rising edge, hysteresis = 60mV
No external load (Note 1)
0 < IREF < 100µA
µA
15
V+ Off-State Leakage Current
µA
10
V+ Shutdown Current
V
Rising edge, hysteresis = 50mV
SHDN = 2V, 0 < IVL < 25mA, 5.5V < V+ < 30V
4.2
4.7
VL/CSL Switchover Voltage
V
2.43
2.57
Reference Output Voltage
Falling edge, hysteresis = 22mV (MAX1652)
Falling edge, hysteresis = 22mV (MAX1654)
mV
15
Reference Load Regulation
V
3.75
4.05
VL Fault Lockout Voltage
V
4.7
5.3
VL Output Voltage
2.40
2.60
V
-0.08
0.08
SECFB Regulation Setpoint
SYNC = REF
SYNC = 0 or 5V
97
kHz
210
320
Oscillator Sync Range
kHz
SYNC = REF
120
180
Oscillator Frequency
ns
250
SYNC High Pulse Width
ns
250
SYNC Low Pulse Width
250
350
mW
2
Quiescent Power Consumption
High or low, BST - LX = 4.5V
High or low
SYNC = 0 or 5V
5
DH On-Resistance
5
DL On-Resistance
%
98
Maximum Duty Cycle
CSH - CSL = 0V, 5V < V+ < 30V,
CSL = FB, SKIP = 0V
6V < V+ < 30V
%/V
0.06
Line Regulation
3.3V and 5V STEP-DOWN CONTROLLERS
FLYBACK/PWM CONTROLLER
INTERNAL REGULATOR AND REFERENCE
OSCILLATOR AND INPUTS/OUTPUTS
MAX1652/MAX1653/
MAX1654
MAX1655


Similar Part No. - MAX1655

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16550EVKIT MAXIM-MAX16550EVKIT Datasheet
764Kb / 12P
   Detection and Isolation of Severe Overcurrent in Less than 5關s
Rev 2; 8/20
MAX16550EVKIT# MAXIM-MAX16550EVKIT# Datasheet
764Kb / 12P
   Detection and Isolation of Severe Overcurrent in Less than 5關s
Rev 2; 8/20
More results

Similar Description - MAX1655

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
   PWM Controlled Step-Down DC/DC Controllers
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672_V01 Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
Diodes Incorporated
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
   DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com