Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVSW119B-V1 Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NVSW119B-V1
Description  rohs compliant
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119B-V1 Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NVSW119B-V1 Datasheet HTML 1Page - NICHIA CORPORATION NVSW119B-V1 Datasheet HTML 2Page - NICHIA CORPORATION NVSW119B-V1 Datasheet HTML 3Page - NICHIA CORPORATION NVSW119B-V1 Datasheet HTML 4Page - NICHIA CORPORATION NVSW119B-V1 Datasheet HTML 5Page - NICHIA CORPORATION NVSW119B-V1 Datasheet HTML 6Page - NICHIA CORPORATION NVSW119B-V1 Datasheet HTML 7Page - NICHIA CORPORATION NVSW119B-V1 Datasheet HTML 8Page - NICHIA CORPORATION NVSW119B-V1 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NICHIA STS-DA1-3066C <Cat.No.150601>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
1500
mA
Pulse Forward Current
IFP
2000
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
4.95
W
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
150
°C
* Absolute Maximum Ratings at TS=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=700mA
2.98
-
V
IF=350mA
2.83
-
Rnn
Luminous Flux
Φv
IF=700mA
305
-
lm
IF=350mA
168
-
Luminous Intensity
Iv
IF=700mA
77
-
cd
IF=350mA
43
-
Color Rendering Index
Ra
IF=700mA
-
-
-
R70
Luminous Flux
Φv
IF=700mA
302
-
lm
IF=350mA
164
-
Luminous Intensity
Iv
IF=700mA
76
-
cd
IF=350mA
41
-
Color Rendering Index
Ra
IF=700mA
73
-
-
R8000
Luminous Flux
Φv
IF=700mA
265
-
lm
IF=350mA
143
-
Luminous Intensity
Iv
IF=700mA
67
-
cd
IF=350mA
36
-
Color Rendering Index
Ra
IF=700mA
83
-
-
Chromaticity Coordinate
x
-
IF=700mA
0.344
-
-
y
-
IF=700mA
0.355
-
-
Thermal Resistance
RθJS
-
6
11
°C/W
* Characteristics at TS=25°C.
* Luminous Flux value as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is Thermal Resistance from junction to TS measuring point.


Similar Part No. - NVSW119B-V1

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NVSW119B-V1D1 NICHIA-NVSW119B-V1D1 Datasheet
384Kb / 21P
   rohs compliant
More results

Similar Description - NVSW119B-V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com