Selected language     English  ▼


MAX1674 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX1674
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
General Description
The MAX1674/MAX1675/MAX1676 compact, high-effi-
ciency, step-up DC-DC converters fit in small µMAX
packages. They feature a built-in synchronous rectifier,
which improves efficiency and reduces size and cost
by eliminating the need for an external Schottky diode.
Quiescent supply current is only 16µA.
The input voltage ranges from 0.7V to VOUT, where
VOUT can be set from 2V to 5.5V. Start-up is guaran-
teed from 1.1V inputs. The MAX1674/MAX1675/
MAX1676 have a preset, pin-selectable output for 5V or
3.3V. The outputs can also be adjusted to other volt-
ages using two external resistors.
All three devices have a 0.3
Ω N-channel MOSFET
power switch. The MAX1674 has a 1A current limit. The
MAX1675 has a 0.5A current limit, which permits the
use of a smaller inductor. The MAX1676 comes in a
10-pin µMAX package and features an adjustable cur-
rent limit and circuitry to reduce inductor ringing.
________________________Applications
Pagers
Wireless Phones
Medical Devices
Hand-Held Computers
PDAs
RF Tags
1 to 3-Cell Hand-Held Devices
____________________________Features
o 94% Efficient at 200mA Output Current
o 16µA Quiescent Supply Current
o Internal Synchronous Rectifier (no external diode)
o 0.1µA Logic-Controlled Shutdown
o LBI/LBO Low-Battery Detector
o Selectable Current Limit for Reduced Ripple
o Low-Noise, Anti-Ringing Feature (MAX1676)
o 8-Pin and 10-Pin µMAX Packages
o Preassembled Evaluation Kit (MAX1676EVKIT)
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
________________________________________________________________ Maxim Integrated Products
1
GND
LBO
SHDN
REF
1
2
8
7
OUT
LX
LBI
FB
MAX1674
MAX1675
µMAX
TOP VIEW
3
4
6
5
1
2
3
4
5
10
9
8
7
6
OUT
LX
GND
BATT
CLSEL
LBO
LBI
FB
MAX1676
µMAX
SHDN
REF
MAX1674
MAX1675
INPUT
0.7V TO VOUT
SHDN
LX
LBO
OUT
LBI
0.1
µF
LOW-BATTERY
DETECT OUT
OFF
ON
REF
GND
FB
OUTPUT
3.3V, 5V, OR
ADJ (2V TO 5.5V)
UP TO 300mA
LOW-BATTERY
DETECT IN
PART
MAX1674EUA
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 µMAX
_______________Ordering Information
MAX1675EUA
-40°C to +85°C
8 µMAX
MAX1676EUB
-40°C to +85°C
10 µMAX
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Typical Operating Circuit
Pin Configurations
19-1360; Rev 3; 3/00
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FAN5307High-Efficiency Step-Down DC-DC Converter 1 2 3 4 5 MoreFairchild Semiconductor
MAX8569A200mA Step-Up Converters in 6-Pin SOT23 and TDFN 1 2 3 4 5 MoreMaxim Integrated Products
TK11840L-GStep-up DC-DC converter / white LED driver IC 1 2 3 4 TOKO, Inc
AN-264DYNAMIC CHARACTERISTICS OF TRACKING CONVERTERS BY MARK THOMAS 1 2 3 Analog Devices
GS2T5-52 W DC-DC CONVERTER 1 2 STMicroelectronics
CDX-424RFCOMPACT DISC CHANGER SYSTEM 1 2 3 4 5 MoreSony Corporation
ADP21051 Amp/1.5 Amp/2 Amp Synchronous Step-Down DC-to-DC Converters 1 2 3 4 5 MoreAnalog Devices
SVA-SC2425 WATT DC-DC CONVERTER 1 2 List of Unclassifed Manufacturers
LC78605ECompact Disc Player DSP with Built-in Microcontroller 1 2 3 4 5 MoreSanyo Semicon Device
NCP3418BMOSFET Driver with Dual Outputs for Synchronous Buck Converters 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl