Electronic Components Datasheet Search
Selected language     English  ▼


MAX1674 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1674
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 2 page
background image
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VBATT = 2V, FB = OUT (VOUT = 3.3V), RL = ˙
∞, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (OUT to GND) ..............................-0.3V to +6.0V
Switch Voltage (LX to GND) .....................-0.3V to (VOUT + 0.3V)
Battery Voltage (BATT to GND).............................-0.3V to +6.0V
SHDN, LBO to GND ..............................................-0.3V to +6.0V
LBI, REF, FB, CLSEL to GND ...................-0.3V to (VOUT + 0.3V)
Switch Current (LX) ...............................................-1.5A to +1.5A
Output Current (OUT) ...........................................-1.5A to +1.5A
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.1mW/°C above +70°C) .............330mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +165°C
Lead Temperature (soldering, 10s) .................................+300°C
TA = +25°C, RL = 3k
Ω (Note 1)
VLX = 0, 5.5V; VOUT = 5.5V
TA = +25°C
MAX1675, MAX1676 (CLSEL = GND)
MAX1674, MAX1676 (CLSEL = OUT)
ILX = 100mA
FB = OUT
(VOUT = 3.3V)
VOUT = 2V to 5.5V
IREF = 0 to 100µA
90
130
MAX1675,
MAX1676 (CLSEL = GND)
FB = OUT
FB = GND
IREF =0
CONDITIONS
µA
0.05
1
ILEAK
LX Leakage Current
A
0.4
0.5
0.65
ILIM
0.80
1
1.20
LX Switch Current
Limit (NFET)
0.3
0.6
RDS(ON)
Internal NFET, PFET
On-Resistance
V
1.274
1.30
1.326
FB, LBI Input Threshold
mV/V
0.08
2.5
VREF_LINE
Reference Voltage Line
Regulation
mV
315
VREF_LOAD
Reference Voltage Load
Regulation
mV/°C
0.024
TEMPCO
Reference Voltage Tempco
V
1.274
1.30
1.326
VREF
Reference Voltage
V
0.9
1.1
Start-Up Voltage
V
1.1
5.5
VIN
V
0.7
Minimum Input Voltage
Operating Voltage
150
220
FB = GND
(VOUT = 5V)
MAX1675,
MAX1676 (CLSEL = GND)
180
285
IOUT
MAX1674,
MAX1676 (CLSEL = OUT)
mA
300
420
Steady-State Output Current
(Note 2)
mV/°C
-2
Start-Up Voltage Tempco
V
3.17
3.30
3.43
VOUT
Output Voltage
4.80
5
5.20
MAX1674,
MAX1676 (CLSEL = OUT)
V
2
5.5
Output Voltage Range
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FAN5307High-Efficiency Step-Down DC-DC Converter 1 2 3 4 5 MoreFairchild Semiconductor
MAX8569A200mA Step-Up Converters in 6-Pin SOT23 and TDFN 1 2 3 4 5 MoreMaxim Integrated Products
TK11840L-GStep-up DC-DC converter / white LED driver IC 1 2 3 4 TOKO, Inc
AN-264DYNAMIC CHARACTERISTICS OF TRACKING CONVERTERS BY MARK THOMAS 1 2 3 Analog Devices
GS2T5-52 W DC-DC CONVERTER 1 2 STMicroelectronics
CDX-424RFCOMPACT DISC CHANGER SYSTEM 1 2 3 4 5 MoreSony Corporation
ADP21051 Amp/1.5 Amp/2 Amp Synchronous Step-Down DC-to-DC Converters 1 2 3 4 5 MoreAnalog Devices
SVA-SC2425 WATT DC-DC CONVERTER 1 2 List of Unclassifed Manufacturers
LC78605ECompact Disc Player DSP with Built-in Microcontroller 1 2 3 4 5 MoreSanyo Semicon Device
NCP3418BMOSFET Driver with Dual Outputs for Synchronous Buck Converters 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl