Electronic Components Datasheet Search
Selected language     English  ▼


MAX1674 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX1674
Description  High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 6 page
background image
10
µs/div
LINE-TRANSIENT RESPONSE
MAX1674 TOC15
VIN
2V TO 3V
1V/div
VOUT
AC COUPLED
100mV/div
ILOAD
100mA
5
µs/div
LOAD-TRANSIENT RESPONSE
MAX1674 TOC16
IOUT
200mA/div
VOUT
50mV/div
AC
COUPLED
VIN = 2.4V
VOUT = 3.3V
500
µs/div
EXITING SHUTDOWN
MAX1674 TOC17
VSHDN
2V/div
VOUT
2V/div
High-Efficiency, Low-Supply-Current,
Compact, Step-Up DC-DC Converters
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(L = 22µH, CIN = 47µF, COUT = 47µF
 0.1µF, CREF = 0.1µF, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
MAX1674
MAX1675
MAX1676
1
1
FB
Dual-Mode™ Feedback Input. Connect to GND for +5.0V output.
Connect to OUT for +3.3V output. Use a resistor network to set the
output voltage from +2.0V to +5.5V.
2
2
LBI
Low-Battery Comparator Input. Internally set to trip at +1.30V.
3
3
LBO
Open-Drain Low-Battery Comparator Output. Connect LBO to OUT
through a 100k
Ω resistor. Output is low when VLBI is <1.3V. LBO is
high impedance during shutdown.
4
CLSEL
Current-Limit Select Input. CLSEL = OUT sets the current limit to 1A.
CLSEL = GND sets the current limit to 0.5A.
4
5
REF
1.3V Reference Voltage. Bypass with a 0.1µF capacitor.
5
6
SHDN
Shutdown Input. Drive high (>80% of VOUT) for operating mode.
Drive low (<20% of VOUT) for shutdown mode. Connect to OUT for
normal operation.
7
BATT
Battery Input and Damping Switch Connection. If damping switch is
unused, leave BATT unconnected.
6
8
GND
Ground
7
9
LX
N-Channel and P-Channel Power MOSFET Drain
8
10
OUT
Power Output. OUT provides bootstrap power to the IC.
Dual-Mode is a trademark of Maxim Integrated Products.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FAN5307High-Efficiency Step-Down DC-DC Converter 1 2 3 4 5 MoreFairchild Semiconductor
MAX8569A200mA Step-Up Converters in 6-Pin SOT23 and TDFN 1 2 3 4 5 MoreMaxim Integrated Products
TK11840L-GStep-up DC-DC converter / white LED driver IC 1 2 3 4 TOKO, Inc
AN-264DYNAMIC CHARACTERISTICS OF TRACKING CONVERTERS BY MARK THOMAS 1 2 3 Analog Devices
GS2T5-52 W DC-DC CONVERTER 1 2 STMicroelectronics
CDX-424RFCOMPACT DISC CHANGER SYSTEM 1 2 3 4 5 MoreSony Corporation
ADP21051 Amp/1.5 Amp/2 Amp Synchronous Step-Down DC-to-DC Converters 1 2 3 4 5 MoreAnalog Devices
SVA-SC2425 WATT DC-DC CONVERTER 1 2 List of Unclassifed Manufacturers
LC78605ECompact Disc Player DSP with Built-in Microcontroller 1 2 3 4 5 MoreSanyo Semicon Device
NCP3418BMOSFET Driver with Dual Outputs for Synchronous Buck Converters 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl