Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1678 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1678
Description  1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1678 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1678 Datasheet HTML 4Page - Maxim Integrated Products MAX1678 Datasheet HTML 5Page - Maxim Integrated Products MAX1678 Datasheet HTML 6Page - Maxim Integrated Products MAX1678 Datasheet HTML 7Page - Maxim Integrated Products MAX1678 Datasheet HTML 8Page - Maxim Integrated Products MAX1678 Datasheet HTML 9Page - Maxim Integrated Products MAX1678 Datasheet HTML 10Page - Maxim Integrated Products MAX1678 Datasheet HTML 11Page - Maxim Integrated Products MAX1678 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Shutdown Mode
Pulling the SHDN pin low places the MAX1678 in shut-
down mode (ISHDN = 2µA typical). In shutdown, the
internal switching MOSFET turns off, PFO goes high
impedance, and the synchronous rectifier turns off to
prevent the flow of reverse current from the output back
to the input. However, there is still a forward current
path through the synchronous-rectifier body diode from
the input to the output. Thus, in shutdown, the output
remains one diode drop below the battery voltage
(VBATT).
To disable the shutdown feature, connect SHDN (a
logic input) to BATT or OUT.
Reverse-Battery Protection
The MAX1678 can sustain/survive battery reversal up to
the package power-dissipation limit. An internal 5
resistor in series with a diode limits reverse current to
less than 220mA, preventing damage. Prolonged oper-
ation above 220mA reverse-battery current can
degrade the device’s performance.
Power-Fail Comparator
The MAX1678 has an on-chip comparator for power-fail
detection. This comparator can detect a loss of power
at the input or output (Figures 7 and 8). If the voltage at
the power-fail input (PFI) falls below 614mV, the PFO
output sinks current to GND. Hysteresis at PFI is 2%.
The power-fail monitor threshold is set by two resistors,
R3 and R4, using the following equation:
where VTH is the desired threshold of the power-fail
detector, and VPFI is the 614mV threshold of the power-
fail comparator. Since PFI leakage is 10nA max, select
feedback resistor R4 in the 100k
Ω to 1MΩ range.
Damping Switch
The MAX1678 is designed with an internal damping
switch to minimize ringing at the LX node. The damping
switch (Figure 4) connects the LX node to BATT, effec-
tively depleting the inductor’s remaining energy. When
the energy in the inductor is insufficient to supply cur-
rent to the output, the capacitance and inductance at
LX form a resonant circuit that causes ringing. The
damping switch supplies a path to quickly dissipate
this energy, suppressing the ringing at LX. This does
not reduce the output ripple, but does reduce EMI.
Figures 5 and 6 show the LX node voltage waveform
without and with the damping switch.
R3 = R4 x
V
V
TH
PFI
1
1-Cell to 2-Cell, Low-Noise,
High-Efficiency, Step-Up DC-DC Converter
_______________________________________________________________________________________
9
MAX1678
PDRV
DAMP
NDRV
TIMING
CIRCUIT
OUT
VOUT
VIN
BATT
LX
DAMPING
SWITCH
GND
P
P
N
Figure 4. Simplified Diagram of Damping Switch
2
µs/div
VBATT = 2.5V
VOUT = 3.3V
L1 = 47
µH
Figure 5. LX Ringing Without Damping Switch (example only)
Figure 6. LX Ringing With Damping Switch
2
µs/div
VBATT = 1.8V
VOUT = 3.3V
L1 = 47
µH


Similar Part No. - MAX1678

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672 MAXIM-MAX1672 Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672C/D MAXIM-MAX1672C/D Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672C/D MAXIM-MAX1672C/D Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672EEE MAXIM-MAX1672EEE Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
More results

Similar Description - MAX1678

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX848 MAXIM-MAX848 Datasheet
166Kb / 16P
   1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Rev 2; 12/97
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
   1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
ACE Technology Co., LTD...
ACE714 ACE-ACE714 Datasheet
172Kb / 8P
   High Efficiency Low Noise PFM Step-up DC/DC Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com