Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1679EUA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1679EUA
Description  Single-Cell Li Battery Charger for Current-Limited Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1679EUA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1679EUA Datasheet HTML 4Page - Maxim Integrated Products MAX1679EUA Datasheet HTML 5Page - Maxim Integrated Products MAX1679EUA Datasheet HTML 6Page - Maxim Integrated Products MAX1679EUA Datasheet HTML 7Page - Maxim Integrated Products MAX1679EUA Datasheet HTML 8Page - Maxim Integrated Products MAX1679EUA Datasheet HTML 9Page - Maxim Integrated Products MAX1679EUA Datasheet HTML 10Page - Maxim Integrated Products MAX1679EUA Datasheet HTML 11Page - Maxim Integrated Products MAX1679EUA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Applications Information
The MAX1679 was designed to offer the maximum inte-
gration and functionality in the smallest, most basic
application circuit possible. The only necessary exter-
nal components are a current-limited wall cube, a
PMOS FET, two small capacitors, and a 10k
Ω thermis-
tor/resistor. This simple application circuit appears in
Figure 3. Optionally (as shown in Figure 4), an LED can
be added as a charge-state indicator, a resistor (RADJ)
can be used to trim down the maximum charge voltage
from 4.2V, and/or a reverse-current-protection diode
can be added in line at the source.
If the input is shorted, the MAX1679 will not allow current
to flow from BATT back through IN to the source.
However, the body diode inherent in the enhancement-
mode FET would still allow the cell to discharge rapidly.
To prevent this, add a power Schottky diode between
the source and IN as in Figure 4.
Adjusting the Battery Regulation Voltage
A typical Li+ cell should be charged at a constant cur-
rent until it reaches a voltage of about 4.2V, then
charged at this voltage until the current decays below a
predetermined level. The MAX1679 provides a simple
way to reduce this maximum target voltage with a sin-
gle resistor between ADJ and GND. Internally, ADJ
connects to a precision 1.4V reference through a 10k
resistor. Leave ADJ open for a battery regulation volt-
age (VBR) of 4.2V; connect a 1% resistor from ADJ to
GND to form a voltage divider for lower battery regula-
tion voltage (VBR¢). Select the external value using:
A 1% tolerance resistor at ADJ degrades system accu-
racy by only a fraction of a percent. For example, an
RADJ of 410kΩ ±1% reduces the battery regulation volt-
age by 2.4% (VBR¢ = 4.1V from equation above, and
(VBR¢ - VBR) / VBR = (4.1 - 4.2) / 4.2 = -2.4%). Therefore,
the additional system error is simply the RADJ tolerance
multiplied by the percent change in the battery regula-
tion voltage, or (1%)(2.4%) = 0.024%.
R
10k
V
V'
1
ADJ
BR
BR
=
¢
Single-Cell Li+ Battery Charger
for Current-Limited Supply
_______________________________________________________________________________________
9
CHG
High impedance
No battery or no charger, or
cell voltage < 2.2V
CONDITION
Low (LED on)
Fast-charge or pulsed top-
off charge in progress
LED blinking 0.5sec on (low),
3.5sec off (high impedance)
Charge cycle complete
2Hz, 50% duty factor (LED
flashing)
Fast-charge timer expiration
or initial prequalification state
(VBATT < 2.5V or initial tem-
perature fault)
Table 2. CHG Output States
THERM
ADJ
0.001
µF
IN
CHG
GATE
PMOS FET
FAIRCHILD FDC638P
-4.5A, -20V
0.07
Ω AT VGS = -2.5V
CURRENT-LIMITED
WALL CUBE
(800mA, 6V max)
BATT
TSEL*
10k
SINGLE
Li+
CELL
2.2
µF
*SEE TABLE 3 FOR TSEL POSITION AND ASSOCIATED TIMER SETTINGS.
MAX1679
NTC THERMISTOR
FENWAL
140-103LAG-RBI
(10k
Ω AT 25°C)
THERM
IN
CHG
GATE
PMOSFET
FAIRCHILD FDC638P
-4.5A, -20V
0.07
Ω AT VGS = -2.5V
SCHOTTKY DIODE
30V, 1A
ZETEX ZHCS1000
CURRENT LIMITED
WALL CUBE
(800mA, 6V max)
BATT
TSEL*
RADJ
410k
1%**
SINGLE
Li+
CELL
2.2
µF
0.001
µF
5mA
LED
*SEE TABLE 3 FOR TSEL POSITION AND ASSOCIATED TIMER SETTINGS.
** RADJ SETS BATTERY REGULATION VOLTAGE TO 4.10V; LEAVE OPEN
FOR 4.2V.
MAX1679
ADJ
Figure 3. Simple Application Circuit
Figure 4. Application Circuit Including LED, Thermistor, and
Reverse-Current Protection Diode


Similar Part No. - MAX1679EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672 Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672 MAXIM-MAX1672 Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672C/D MAXIM-MAX1672C/D Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
MAX1672C/D MAXIM-MAX1672C/D Datasheet
280Kb / 11P
   Step-Up/Down DC-DC Converter in QSOP Package
2002
MAX1672EEE MAXIM-MAX1672EEE Datasheet
143Kb / 12P
   Step-Up/Down DC-DC Converter in QSOP Package
Rev 0a; 11/97
More results

Similar Description - MAX1679EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1736 MAXIM-MAX1736 Datasheet
179Kb / 8P
   SOT23, Single-Cell Li Battery Charger for Current-Limited Supply
MAX1898 MAXIM-MAX1898 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
   Single Cell Li-Ion Switching Battery Charger
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Texas Instruments
BQ21040 TI1-BQ21040 Datasheet
3Mb / 30P
[Old version datasheet]   Single Cell Li-Ion and Li-Pol Battery Charger
logo
Richtek Technology Corp...
RT9516 RICHTEK-RT9516 Datasheet
218Kb / 11P
   Linear Single Cell Li-lon Battery Charger with Single Input Supply for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com