Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1680 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1680
Description  125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1680 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1680 Datasheet HTML 2Page - Maxim Integrated Products MAX1680 Datasheet HTML 3Page - Maxim Integrated Products MAX1680 Datasheet HTML 4Page - Maxim Integrated Products MAX1680 Datasheet HTML 5Page - Maxim Integrated Products MAX1680 Datasheet HTML 6Page - Maxim Integrated Products MAX1680 Datasheet HTML 7Page - Maxim Integrated Products MAX1680 Datasheet HTML 8Page - Maxim Integrated Products MAX1680 Datasheet HTML 9Page - Maxim Integrated Products MAX1680 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
_______________Detailed Description
The MAX1680/MAX1681 switched-capacitor voltage
converters either invert or double the input voltage.
They have low output resistance (3.5
Ω) and can deliver
up to 125mA output current. These devices operate at
one of two selectable frequencies: 125kHz/250kHz
(MAX1680) and 500kHz/1MHz (MAX1681). This pro-
vides the flexibility to optimize capacitor size, operating
supply current, and overall circuit efficiency. Frequency
selection also allows for minimizing coupling into other
sensitive circuits. These devices contain no internal
divider; the oscillator frequency equals the switching
frequency. The devices can easily be cascaded to pro-
duce a higher output voltage, or paralleled to deliver
more current.
The MAX1680/MAX1681 feature a shutdown mode that
reduces supply current to <1µA (SHDN = high). OUT,
in the inverter configuration, pulls to ground in shut-
down mode. Shutdown is not available in the doubler
configuration; connect SHDN to OUT.
__________Applications Information
Voltage Inverter
A simple voltage inverter is the most common
MAX1680/MAX1681 application. It requires three exter-
nal capacitors (including the input bypass capacitor)
as shown in the
Typical Operating Circuits (inverter
configuration). Although the output is not regulated, low
output resistance produces a typical drop of only 0.44V
with a 125mA load. This low output resistance makes
the devices fairly insensitive to changes in load (see
the graphs for Output Source Resistance vs.
Temperature and Supply Voltage in the
Typical
Operating Characteristics section).
Voltage Doubler
The MAX1680/MAX1681 can be configured as a volt-
age doubler with two external capacitors as shown in
the
Typical Operating Circuits (doubler configuration).
When loaded, the output voltage drop is similar to that
of the voltage inverter. The minimum input supply range
is slightly higher than in the inverter configuration.
Calculate ripple voltage using the equation in the
Capacitor Selection section.
Frequency Control
A frequency-control pin, FSEL, provides design flexibili-
ty. Each device has two selectable frequencies:
125kHz/250kHz (MAX1680) and 500kHz/1MHz
(MAX1681). This allows optimization of capacitor size
and supply current for a given output load. Table 1
summarizes the frequency options .
Table 1. Nominal Switching Frequencies
125mA, Frequency-Selectable,
Switched-Capacitor Voltage Converters
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Selects operating frequency. MAX1680: 250kHz when FSEL is low, 125kHz when FSEL is high. MAX1681:
1MHz when FSEL is low, 500kHz when FSEL is high.
FSEL
1
Positive Charge-Pump Capacitor Connection
CAP+
2
Negative Charge-Pump Capacitor Connection
CAP-
4
Power-Supply Ground Input
GND
3
Logic Voltage Input. Connect LV to GND.
LV
6
Power-Supply Positive Voltage Input
IN
8
SHDN
7
Negative Voltage Output
OUT
5
Power-Supply Positive Voltage Input
Power-Supply Ground Connection
Connect LV to OUT.
Not available; connect to OUT.
Shutdown Input. Driving SHDN high disables the
charge pump, and the output goes to 0V. SHDN is a
CMOS input.
Positive Voltage Output
MAX1680
250
FSEL = LV
125
FSEL = IN
FSEL CONNECTION
MAX1681
1000
500
FREQUENCY (kHz)
INVERTER
DOUBLER
PIN
FUNCTION
NAME


Similar Part No. - MAX1680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16800 MAXIM-MAX16800 Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800 MAXIM-MAX16800 Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
MAX16800ATE MAXIM-MAX16800ATE Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800ATE++ MAXIM-MAX16800ATE+ Datasheet
200Kb / 9P
   High-Voltage, 350mA, Adgustable Linear High-Brightness LED (HB LED) Driver
Rev 0; 8/05
MAX16800ATE++ MAXIM-MAX16800ATE+ Datasheet
182Kb / 8P
   High-Voltage, 350mA, Adjustable Linear High-Brightness LED (HB LED) Driver
Rev 1; 4/09
More results

Similar Description - MAX1680

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX861IUA-T MAXIM-MAX861IUA-T Datasheet
184Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
MAX860 MAXIM-MAX860 Datasheet
142Kb / 12P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 1; 11/96
MAX860 MAXIM-MAX860_V01 Datasheet
174Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com