Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30622MA-179GP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M30622MA-179GP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30622MA-179GP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M30622MA-179GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M30622MA-179GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30622MA-179GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30622MA-179GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30622MA-179GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30622MA-179GP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30622MA-179GP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30622MA-179GP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30622MA-179GP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 276 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Description
5
Item
Performance
Number of basic instructions
91 instructions
Shortest instruction execution time
62.5ns(f(XIN)=16MHZ, VCC=5V)
100ns (f(XIN)=10MHZ, VCC=3V, with software one-wait)
: Mask ROM, flash memory 5V version
142.9ns (f(XIN)=7MHZ, VCC=3V, with software one-wait)
: One-time PROM version
Memory
ROM
(See the figure 1.1.4. ROM Expansion)
capacity
RAM
3K to 20K bytes
I/O port
P0 to P10 (except P85)
8 bits x 10, 7 bits x 1
Input port
P85
1 bit x 1
Multifunction TA0, TA1, TA2, TA3, TA4
16 bits x 5
timer
TB0, TB1, TB2, TB3, TB4, TB5
16 bits x 6
Serial I/O
UART0, UART1, UART2
(UART or clock synchronous) x 3
SI/O3, SI/O4
(Clock synchronous) x 2
A-D converter
10 bits x (8 + 2) channels
D-A converter
8 bits x 2
DMAC
2 channels (trigger: 24 sources)
CRC calculation circuit
CRC-CCITT
Watchdog timer
15 bits x 1 (with prescaler)
Interrupt
25 internal and 8 external sources, 4 software sources, 7 levels
Clock generating circuit
2 built-in clock generation circuits
(built-in feedback resistor, and external ceramic or quartz oscillator)
Supply voltage
4.2 to 5.5V (f(XIN)=16MHZ, without software wait)
: Mask ROM, flash memory 5V version
4.5 to 5.5V (f(XIN)=16MHZ, without software wait)
: One-time PROM version
2.7 to 5.5V (f(XIN)=10MHZ with software one-wait)
: Mask ROM, flash memory 5V version
2.7 to 5.5V (f(XIN)=7MHZ with software one-wait)
: One-time PROM version
Power consumption
25.5mW (f(XIN) = 10MHZ, VCC=3V with software one-wait)
I/O
I/O withstand voltage
5V
characteristics Output current
5mA
Memory expansion
Available (to 1.2M bytes or 4M bytes)
Device configuration
CMOS high performance silicon gate
Package
100-pin plastic mold QFP
Table 1.1.1. Performance outline of M16C/62 group
Performance Outline
Table 1.1.1 is a performance outline of M16C/62 group.


Similar Part No. - M30622MA-179GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30622MA-179GP MITSUBISHI-M30622MA-179GP Datasheet
3Mb / 274P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30622MA-179GP MITSUBISHI-M30622MA-179GP Datasheet
1Mb / 184P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30622MA-179GP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com