Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34280E1GP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M34280E1GP
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M34280E1GP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M34280E1GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M34280E1GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M34280E1GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M34280E1GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M34280E1GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M34280E1GP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M34280E1GP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M34280E1GP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M34280E1GP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
ROM type
Mask ROM
Mask ROM
One Time PROM
One Time PROM
Package
20P2N-A
20P2E/F-A
20P2N-A
20P2E/F-A
RAM size
(
× 4 bits)
32 words
32 words
32 words
32 words
PIN CONFIGURATION (TOP VIEW)
M34280M1-XXXFP/GP
ROM (PROM) size
(
× 9 bits)
1024 words
1024 words
1024 words
1024 words
Product
M34280M1-XXXFP
M34280M1-XXXGP
M34280E1FP
M34280E1GP
DESCRIPTION
The 4280 Group is a 4-bit single-chip microcomputer designed
with CMOS technology for remote control transmitters. The 4280
Group has 7 carrier waves and enables fabrication of 8
× 7 key
matrix.
FEATURES
• Number of basic instructions ............................................. 62
• Minimum instruction execution time ............................ 8.0
µs
(at f(XIN) = 4.0 MHz, system clock = f(XIN)/8, VDD=3.0 V)
• Supply voltage ................................................. 1.8 V to 3.6 V
• Subroutine nesting ..................................................... 4 levels
• Timer
Timer 1 ................................................................... 8-bit timer
with a reload register and carrier wave output auto-control
function
• Carrier wave output function (port CARR)
f(XIN), f(XIN)/4, f(XIN)/8, f(XIN)/12
f(XIN)/64, f(XIN)/96, “H” output fixed
• Logic operation function (XOR, OR, AND)
• RAM back-up function
• Key-on wakeup function (ports D7, E0–E2, G0–G3) ............. 8
• I/O port (ports D, E, G, CARR) .......................................... 16
• Oscillation circuit ..................................... Ceramic resonance
• Watchdog timer
• Power-on reset circuit
• Voltage drop detection circuit ......................... Typical:1.50 V
APPLICATION
Various remote control transmitters
4280 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
MITSUBISHI MICROCOMPUTERS
VSS
2
3
4
5
6
7
8
9
10
1
19
18
17
16
15
14
13
12
11
20
D7
D2
D3
D4
D5
D1
D0
CARR
VDD
D6
E2
G3
G2
E0
E1
XIN
XOUT
G0
G1
Outline 20P2N-A
20P2E/F-A


Similar Part No. - M34280E1GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M34280E1GP RENESAS-M34280E1GP Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
More results

Similar Description - M34280E1GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
Mitsubishi Electric Sem...
M34551M4 MITSUBISHI-M34551M4 Datasheet
698Kb / 68P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
Renesas Technology Corp
4551 RENESAS-4551 Datasheet
1Mb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER
logo
Sharp Corporation
SM3903 SHARP-SM3903 Datasheet
135Kb / 5P
   4-Bit Single-Chip Microcomputer(For Remote Control)
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
logo
NEC
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com