Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1684 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1684
Description  Low-Noise, 14V Input, 1A, PWM Step-Down Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1684 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1684 Datasheet HTML 1Page - Maxim Integrated Products MAX1684 Datasheet HTML 2Page - Maxim Integrated Products MAX1684 Datasheet HTML 3Page - Maxim Integrated Products MAX1684 Datasheet HTML 4Page - Maxim Integrated Products MAX1684 Datasheet HTML 5Page - Maxim Integrated Products MAX1684 Datasheet HTML 6Page - Maxim Integrated Products MAX1684 Datasheet HTML 7Page - Maxim Integrated Products MAX1684 Datasheet HTML 8Page - Maxim Integrated Products MAX1684 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Noise, 14V Input, 1A, PWM
Step-Down Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = V SHDN = +6V, STBY = SYNC/PWM = CVL, VBOOT = VOUT, FB = AGND, circuit of Figure 1, TA = 0°C to +85°C, unless other-
wise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
AIN to AGND ............................................................-0.3 to +15V
IN to PGND ................................................-0.3V to (VAIN + 0.3V)
LX to PGND .................................................-0.5V to (VIN + 0.3V)
PGND to AGND ..................................................................±0.3V
SHDN to AGND .........................................-0.3V to (VAIN + 0.3V)
ILIM/SS, FB, CC, BOOT, REF to AGND .....-0.3V to (VCVL+ 0.3V)
CVH to IN..................................................................-6V to +0.3V
CVL, STBY, SYNC/PWM to AGND............................-0.3V to +6V
Reference Current ..............................................................±1mA
CVL Current ..........................................................10mA to -1mA
LX Peak Current (Internally Limited) .....................................2.3A
Continuous Power Dissipation (TA = +70°C)
16-Pin QSOP (derate 8.3mW/°C above +70°C)............667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec ) ............................+300°C
VFB = VOUT, ILOAD = 0 to 1A
Low-power mode, STBY = low,
VBOOT = 3.3V (Note 2)
Normal mode, SYNC/PWM = low,
VBOOT = 3.3V (Note 2)
PWM mode,
SYNC/PWM = high,
VBOOT = 3.3V
(Note 2)
SYNC/PWM = high
Low-side switch, VIN = 2.7V, ILX = 200mA
High-side switch,
ILX = 1A
VFB = VOUT, ILOAD = 0 to 1A
VIN = 5V to 14V
BOOT = AGND (Note 1)
SYNC/PWM = low
VFB = 1.4V
CONDITIONS
0.14
0.27
Quiescent Power Consumption
0.9
2
25
65
mW
13
33
mA
40
80
120
Zero Crossing Threshold
20
50
80
V
VFB
Feedback Voltage
1.238
1.251
1.264
V
2.7
14
Input Voltage Range
A
0.15
0.4
0.9
Current Limit, N-Channel
A
1.2
1.75
2.3
ILIM
Current Limit in PWM Mode
38
On-Resistance, N-Channel
0.24
0.5
%
0.01
Output Load Regulation
A
1
Output Current Capability
V
VREF
VIN
Output Adjust Range
nA
-50
50
IFB
FB Input Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
FB = AGND, ILOAD = = 0 to 1A
V
VOUT
Output Voltage (3.3V mode)
3.3
3.333
3.365
VIN = 6V
VIN = 2.7V
0.34
0.8
On-Resistance, P-Channel
MAX1684
MAX1685
MAX1684
MAX1685
SYNC/PWM = low
mA
285
380
475
Pulse-Skipping Current Threshold
STBY = low
mA
285
380
475
ILIMLP
Current Limit in Low-Power
Mode


Similar Part No. - MAX1684

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1684 MAXIM-MAX1684 Datasheet
294Kb / 14P
   Low-Noise, 14V Input, 1A, PWM Step-Down Converters
2001
MAX16840 MAXIM-MAX16840 Datasheet
996Kb / 1P
   LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 1; 2/11
MAX16840 MAXIM-MAX16840 Datasheet
927Kb / 1P
   LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 3; 8/11
MAX16840ATB MAXIM-MAX16840ATB Datasheet
996Kb / 1P
   LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 1; 2/11
MAX16840ATB++ MAXIM-MAX16840ATB+ Datasheet
927Kb / 1P
   LED Driver with Integrated MOSFET for MR16 and Other 12V AC Input Lamps
Rev 3; 8/11
More results

Similar Description - MAX1684

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1684 MAXIM-MAX1684_V01 Datasheet
294Kb / 14P
   Low-Noise, 14V Input, 1A, PWM Step-Down Converters
2001
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
   Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
Analog Intergrations Co...
AIC2304 AIC-AIC2304 Datasheet
218Kb / 14P
   1A Synchronous PWM Step-Down
AIC1594 AIC-AIC1594 Datasheet
75Kb / 6P
   1A STEP-DOWN PWM REGULATOR
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Champion Microelectroni...
CM3708A CHAMP-CM3708A Datasheet
237Kb / 6P
   3A LOW-NOISE PWM STEP-DOWN REGULATOR
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com