Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AJAV-6751 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AJAV-6751
Description  Dual-Band Power Amplifier Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AJAV-6751 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AJAV-6751 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AJAV-6751 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AJAV-6751 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Avago Technologies
- 1 -
Description
The AJAV-6751 is a complete, high-performance power
amplifier for WCDMA and HSPA wireless communications.
Based on a unique, patented architecture, the AJAV-6751
integrates circuitry for TX filtering, RF coupling, power
regulation, input and output matching, and power control. The
PA (power amplifier) is powered by a connection to the battery
and is implemented in a standard CMOS process.
The AJAV-6751 contains integrated directional couplers,
50-ohm input and output matching networks, and RF input
and output DC blocking capacitors. All of these functions are
integrated in a 15-pin surface-mount leadless package of 3 mm
× 4.2 mm form-factor and 0.9-mm thickness, so it can minimize
the number of external components.
The integrated LB and HB directional couplers are
daisy-chained internally. One coupler input port and one
coupler output port are shared by the both bands.
The AJAV-6751 has integrated on-chip Vref and on-module
bias switch, so the external LDO regulators and switches for
external Vref are not required. It also makes the PA fully
digital-controllable by the baseband chipset. The Ven pin turns
the PA on and off by the digital control signal. All of the digital
control input pins, such as the Ven, Vmode0, and Vmode1, are
fully CMOS compatible down to the 1.8V logic.
Features
Thin package (0.9 mm typical)
Fifteen-pin surface mounting package
Small 3 mm × 4.2 mm package size
Internal 50-ohm matching networks for both RF input and
output
Three-mode power control with Vmode0 and Vmode1
Compatible with the APT application
Low average current
High capacity CMOS process
High-performance 3G power amplifier
UMTS Band 1 (1920 MHz ~ 1980 MHz)
UMTS Band 5 (824 MHz ~ 849 MHz)
WCDMA, HSPA, and HSPA+ compliant
Integrated Tx filtering
Delivers the best noise in the industry
Integrated coupler
Coupler and Isolation ports for daisy chain
Green – Lead-free and RoHS compliant
Applications
Band 1 UMTS
Band 5 UTMS
Ordering Information
Part Number
Number of
Devices
Container
AJAV-6751-TR1
1,000
178 mm (7 in.) tape/reel
AJAV-6751
WCDMA/HSPA Band 1 and Band 5
3.0 mm × 4.2 mm Dual-Band
Power Amplifier Module
Product Brief


Similar Part No. - AJAV-6751

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AJAV-6751 BOARDCOM-AJAV-6751 Datasheet
164Kb / 3P
   WCDMA/HSPA Band 1 and Band 5 3.0 mm 횞 4.2 mm Dual-Band Power Amplifier Module
AJAV-6751-TR1 BOARDCOM-AJAV-6751-TR1 Datasheet
164Kb / 3P
   WCDMA/HSPA Band 1 and Band 5 3.0 mm 횞 4.2 mm Dual-Band Power Amplifier Module
More results

Similar Description - AJAV-6751

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77752 SKYWORKS-SKY77752 Datasheet
143Kb / 2P
   Dual-Band Power Amplifier Module
SKY77742 SKYWORKS-SKY77742 Datasheet
505Kb / 2P
   Dual-Band Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-6752 AVAGO-AJAV-6752 Datasheet
168Kb / 3P
   Dual-Band Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77741 SKYWORKS-SKY77741 Datasheet
129Kb / 2P
   Dual-Band Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
AJAV-6781 AVAGO-AJAV-6781 Datasheet
172Kb / 3P
   Dual-Band Power Amplifier Module
logo
RF Micro Devices
RF5824 RFMD-RF5824 Datasheet
39Kb / 2P
   3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
logo
Agilent(Hewlett-Packard...
QCPM-9801 HP-QCPM-9801 Datasheet
113Kb / 6P
   PCS/AMPS Dual-Band Dual-Mode Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77830 SKYWORKS-SKY77830 Datasheet
125Kb / 2P
   Dual-Band Power Amplifier Module for TDD LTE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com